Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE15028 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJE15028
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE15028 Datasheet(HTML) 1 Page - ON Semiconductor

  MJE15028 Datasheet HTML 1Page - ON Semiconductor MJE15028 Datasheet HTML 2Page - ON Semiconductor MJE15028 Datasheet HTML 3Page - ON Semiconductor MJE15028 Datasheet HTML 4Page - ON Semiconductor MJE15028 Datasheet HTML 5Page - ON Semiconductor MJE15028 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 7
1
Publication Order Number:
MJE15028/D
MJE15028, MJE15030 (NPN),
MJE15029, MJE15031 (PNP)
Complementary Silicon
Plastic Power Transistors
These devices are designed for use as high−frequency drivers in
audio amplifiers.
Features
High Current Gain − Bandwidth Product
TO−220 Compact Package
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJE15028G, MJE15029G
MJE15030G, MJE15031G
VCEO
120
150
Vdc
Collector−Base Voltage
MJE15028G, MJE15029G
MJE15030G, MJE15031G
VCB
120
150
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
IC
8.0
Adc
Collector Current − Peak
ICM
16
Adc
Base Current
IB
2.0
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
°C
PD
50
0.40
W
W/
_C
Total Device Dissipation
@ TA = 25_C
Derate above 25
°C
PD
2.0
0.016
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.5
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
8 AMPERE
POWER TRANSISTORS
COMPLEMENTARY SILICON
120−150 VOLTS, 50 WATTS
TO−220
CASE 221A
STYLE 1
1
http://onsemi.com
MARKING DIAGRAM
2
3
MJE150xx = Device Code
x = 28, 29, 30, or 31
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MJE150xxG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
4
1
BASE
3
EMITTER
COLLECTOR
2,4
1
BASE
3
EMITTER
COLLECTOR
2,4
NPN
PNP


Similar Part No. - MJE15028

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE15028 MOSPEC-MJE15028 Datasheet
208Kb / 4P
   POWER TRANSISTORS(8.0A,120-150V,50W)
logo
Continental Device Indi...
MJE15028 CDIL-MJE15028 Datasheet
169Kb / 3P
   PLASTIC POWER TRANSISTORS
logo
Motorola, Inc
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15028 ONSEMI-MJE15028 Datasheet
217Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
November, 2014 ??Rev. 7
logo
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
More results

Similar Description - MJE15028

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com