Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ15003G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJ15003G
Description  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15003G Datasheet(HTML) 2 Page - ON Semiconductor

  MJ15003G Datasheet HTML 1Page - ON Semiconductor MJ15003G Datasheet HTML 2Page - ON Semiconductor MJ15003G Datasheet HTML 3Page - ON Semiconductor MJ15003G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ15003 (NPN), MJ15004 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector Emitter Sustaining Voltage (Note 1)
(IC = 200 mAdc, IB = 0)
VCEO(sus)
140
Vdc
Collector Cutoff Current
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc)
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150°C)
ICEX
100
2
mAdc
mAdc
Collector Cutoff Current
(VCE = 140 Vdc, IB = 0)
ICEO
250
mAdc
Emitter Cutoff Current
(VEB = 5 Vdc, IC = 0)
IEBO
100
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 50 Vdc, t = 1 s (non repetitive))
(VCE = 100 Vdc, t = 1 s (non repetitive))
IS/b
5.0
1.0
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 5 Adc, VCE = 2 Vdc)
hFE
25
150
Collector Emitter Saturation Voltage
(IC = 5 Adc, IB = 0.5 Adc)
VCE(sat)
1.0
Vdc
Base Emitter On Voltage
(IC = 5 Adc, VCE = 2 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, ftest = 0.5 MHz)
fT
2.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
cob
1000
pF
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2%.
TYPICAL CHARACTERISTICS MJ15003G (NPN)
Figure 1. DC Current Gain
Figure 2. Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
100
10
1
0.1
10
100
100
10
1
0.1
0
0.1
0.2
0.3
0.4
0.5
0.7
0.8
150°C
−55°C
25°C
VCE = 2 V
0.6
150°C
−55°C
25°C
IC/IB = 10


Similar Part No. - MJ15003G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15003G ONSEMI-MJ15003G Datasheet
60Kb / 3P
   Complementary Silicon Power Transistors
September, 2013 ??Rev. 16
More results

Similar Description - MJ15003G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com