Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01MA-TL-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # 55GN01MA-TL-E
Description  RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

55GN01MA-TL-E Datasheet(HTML) 5 Page - ON Semiconductor

  55GN01MA-TL-E Datasheet HTML 1Page - ON Semiconductor 55GN01MA-TL-E Datasheet HTML 2Page - ON Semiconductor 55GN01MA-TL-E Datasheet HTML 3Page - ON Semiconductor 55GN01MA-TL-E Datasheet HTML 4Page - ON Semiconductor 55GN01MA-TL-E Datasheet HTML 5Page - ON Semiconductor 55GN01MA-TL-E Datasheet HTML 6Page - ON Semiconductor 55GN01MA-TL-E Datasheet HTML 7Page - ON Semiconductor 55GN01MA-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
55GN01MA
No. A1114-5/8
S Parameters (Common emitter)
VCE=5V, IC=30mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.461
-105.76
28.111
117.59
0.023
60.62
0.521
-42.88
200
0.412
-139.73
15.717
100.76
0.034
64.40
0.344
-44.71
400
0.393
-162.64
8.133
87.05
0.058
69.84
0.255
-41.81
600
0.394
-172.24
5.483
79.25
0.084
70.67
0.237
-42.42
800
0.400
-179.58
4.169
72.10
0.110
70.59
0.235
-45.80
1000
0.401
175.18
3.392
65.52
0.135
69.45
0.239
-49.94
1200
0.405
169.95
2.870
59.47
0.161
68.00
0.244
-54.75
1400
0.412
165.14
2.496
53.81
0.187
66.24
0.252
-60.09
1600
0.417
160.67
2.226
48.20
0.212
64.03
0.260
-65.80
1800
0.422
155.72
2.010
42.96
0.237
62.33
0.267
-70.89
2000
0.428
150.84
1.841
37.78
0.263
60.20
0.275
-76.12
2200
0.434
145.91
1.692
32.98
0.291
58.16
0.282
-81.97
2400
0.433
140.96
1.574
28.60
0.314
55.69
0.286
-86.52
2600
0.438
136.73
1.469
24.51
0.339
53.89
0.291
-91.68
2800
0.447
132.49
1.384
21.02
0.367
52.12
0.298
-97.10
3000
0.459
128.65
1.319
17.72
0.395
49.72
0.298
-103.63


Similar Part No. - 55GN01MA-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
55GN01MA-TL-E ONSEMI-55GN01MA-TL-E Datasheet
308Kb / 8P
   RF Transistor
August, 2013
More results

Similar Description - 55GN01MA-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com