Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01FA Datasheet(PDF) 2 Page - ON Semiconductor

Part # 55GN01FA
Description  RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

55GN01FA Datasheet(HTML) 2 Page - ON Semiconductor

  55GN01FA Datasheet HTML 1Page - ON Semiconductor 55GN01FA Datasheet HTML 2Page - ON Semiconductor 55GN01FA Datasheet HTML 3Page - ON Semiconductor 55GN01FA Datasheet HTML 4Page - ON Semiconductor 55GN01FA Datasheet HTML 5Page - ON Semiconductor 55GN01FA Datasheet HTML 6Page - ON Semiconductor 55GN01FA Datasheet HTML 7Page - ON Semiconductor 55GN01FA Datasheet HTML 8Page - ON Semiconductor 55GN01FA Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
55GN01FA
No. A1113-2/9
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=2V, IC=0A
1
μA
DC Current Gain
hFE
VCE=5V, IC=10mA
100
160
Gain-Bandwidth Product
fT1VCE=3V, IC=5mA
3.0
4.5
GHz
fT2VCE=5V, IC=20mA
5.5
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
0.95
1.2
pF
Reverse Transfer Capacitance
Cre
0.6
pF
Forward Transfer Gain
⏐S21e⏐
21VCE=5V, IC=20mA, f=1GHz
8
11
dB
⏐S21e⏐
22VCE=5V, IC=20mA, f=400MHz
16
19
dB
Noise Figure
NF
VCE=3V, IC=5mA, f=1GHz, ZS=ZL=50Ω
1.9
dB
Ordering Information
Device
Package
Shipping
memo
55GN01FA-TL-H
SSFP
8,000pcs./reel
Pb Free and Halogen Free
0123456789
10
0
5
10
15
20
25
30
35
40
45
50
IC -- VCE
IT06252
IB=0mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
0
0.2
0.4
0.6
0.8
1.0
1.2
0
80
70
60
50
40
30
20
10
IT06253
IC -- VBE
VCE=5V
hFE -- IC
IT06254
100
2
7
5
3
1.0
35
7
2
3
5
7
10
23
5
7 100
VCE=5V
1.0
5
7
10
2
3
1.0
23
5
7
2
3
5
7
10
100
f T -- IC
IT07319
VCE=5V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
Collector Current, IC -- mA


Similar Part No. - 55GN01FA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01FA SANYO-55GN01FA Datasheet
59Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA Datasheet
513Kb / 9P
   UHF Wide-band Low-noise Amplifier Applications
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
   UHF Wide-band Low-noise Amplifier Applications
More results

Similar Description - 55GN01FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
2SC5488A ONSEMI-2SC5488A Datasheet
462Kb / 7P
   NPN Single SSFP RF Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com