Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7085PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRFH7085PBF
Description  Half-bridge and full-bridge topologies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7085PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFH7085PBF Datasheet HTML 3Page - International Rectifier IRFH7085PBF Datasheet HTML 4Page - International Rectifier IRFH7085PBF Datasheet HTML 5Page - International Rectifier IRFH7085PBF Datasheet HTML 6Page - International Rectifier IRFH7085PBF Datasheet HTML 7Page - International Rectifier IRFH7085PBF Datasheet HTML 8Page - International Rectifier IRFH7085PBF Datasheet HTML 9Page - International Rectifier IRFH7085PBF Datasheet HTML 10Page - International Rectifier IRFH7085PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
 
IRFH7085PbF
11
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 17, 2015
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Qualification Information 
Qualification level
Industrial
(per JEDEC JESD47F †† guidelines )
Moisture Sensitivity Level
PQFN 5mm x 6mm
MSL1
(per JEDEC J-STD-020D††)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/product-info/reliability
††
Applicable version of JEDEC standard at the time of product release.
Revision History
Date
Comments
11/7/2014
 Added EAS (L =1mH) = 554mJ on page 2
 Added note 9 “Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 33A, VGS =10V”. on page 2
 Added Pd @ Tc = 25°C on Absolute Max Rating table on page 2
3/17/2015
 Updated package outline and tape and reel on pages 9 and 10.


Similar Part No. - IRFH7085PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
   Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
More results

Similar Description - IRFH7085PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRL60S216 INFINEON-IRL60S216 Datasheet
722Kb / 12P
   Half-bridge and full-bridge topologies
2016-1-19
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
   Half-bridge and full-bridge topologies
2017-01-24
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
   Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
   Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
logo
Sirectifier Semiconduct...
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com