Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5302PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFH5302PBF
Description  Synchronous MOSFET for buck converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5302PBF Datasheet(HTML) 8 Page - International Rectifier

  IRFH5302PBF Datasheet HTML 1Page - International Rectifier IRFH5302PBF Datasheet HTML 2Page - International Rectifier IRFH5302PBF Datasheet HTML 3Page - International Rectifier IRFH5302PBF Datasheet HTML 4Page - International Rectifier IRFH5302PBF Datasheet HTML 5Page - International Rectifier IRFH5302PBF Datasheet HTML 6Page - International Rectifier IRFH5302PBF Datasheet HTML 7Page - International Rectifier IRFH5302PBF Datasheet HTML 8Page - International Rectifier IRFH5302PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 19, 2015
IRFH5302PbF
PQFN Tape and Reel
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
Bo
W
P 1
Ao
Ko
CODE
TAPE DIMENSIONS
REEL DIMENSIONS
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Dimension design to accommodate the component width
Dimension design to accommodate the component lenght
Dimension design to accommodate the component thickness
Pitch between successive cavity centers
Overall width of the carrier tape
DESCRIPTION
Type
Package
5 X 6 PQFN
Note: All dimension are nominal
Diameter
Reel
QTY
Width
Reel
(mm)
Ao
(mm)
Bo
(mm)
Ko
(mm)
P1
(mm)
W
Quadrant
Pin 1
(Inch)
W1
(mm)
13
4000
12.4
6.300
5.300
1.20
8.00
12
Q1


Similar Part No. - IRFH5302PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5302PBF IRF-IRFH5302PBF Datasheet
215Kb / 8P
   HEXFET Power MOSFET
IRFH5302PBF IRF-IRFH5302PBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH5302PBF INFINEON-IRFH5302PBF Datasheet
784Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.3, 2021-03-03
More results

Similar Description - IRFH5302PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com