Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN7483A Datasheet(PDF) 1 Page - ON Semiconductor

Part # EN7483A
Description  Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7483A Datasheet(HTML) 1 Page - ON Semiconductor

  EN7483A Datasheet HTML 1Page - ON Semiconductor EN7483A Datasheet HTML 2Page - ON Semiconductor EN7483A Datasheet HTML 3Page - ON Semiconductor EN7483A Datasheet HTML 4Page - ON Semiconductor EN7483A Datasheet HTML 5Page - ON Semiconductor EN7483A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
90512 TKIM/O2203 TSIM TA-100608 No.7483-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
12A02MH
Bipolar Transistor
–12V, –1A, Low VCE(sat) PNP Single MCPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
Low-frequency Amplifier, high-speed switching, small motor drive, muting circuit
Features
Large current capacity
Low collector-to-emitter saturation voltage (resistance) RCE (sat) typ.=285mΩ [IC=1A, IB=50mA]
Small ON-resistance (Ron)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--15
V
Collector-to-Emitter Voltage
VCEO
--12
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--1
A
Collector Current (Pulse)
ICP
--2
A
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-004
Ordering number : EN7483A
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
TL
12A02MH-TL-E
AK
3
2
1


Similar Part No. - EN7483A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN7483A SANYO-EN7483A Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - EN7483A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
15C02MH ONSEMI-15C02MH Datasheet
368Kb / 6P
   nullBipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com