Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5646A-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC5646A-TL-H
Description  RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5646A-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  2SC5646A-TL-H Datasheet HTML 1Page - ON Semiconductor 2SC5646A-TL-H Datasheet HTML 2Page - ON Semiconductor 2SC5646A-TL-H Datasheet HTML 3Page - ON Semiconductor 2SC5646A-TL-H Datasheet HTML 4Page - ON Semiconductor 2SC5646A-TL-H Datasheet HTML 5Page - ON Semiconductor 2SC5646A-TL-H Datasheet HTML 6Page - ON Semiconductor 2SC5646A-TL-H Datasheet HTML 7Page - ON Semiconductor 2SC5646A-TL-H Datasheet HTML 8Page - ON Semiconductor 2SC5646A-TL-H Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SC5646A
No. A1120-2/9
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=5V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=1V, IC=5mA
100
160
Gain-Bandwidth Product
fT1VCE=1V, IC=5mA
8
10
GHz
fT2VCE=3V, IC=15mA
12.5
GHz
Output Capacitance
Cob
VCB=1V, f=1MHz
0.55
0.7
pF
Reverse Transfer Capacitance
Cre
0.4
pF
Forward Transfer Gain
⏐S21e⏐
21VCE=1V, IC=5mA, f=2GHz
8
9.5
dB
⏐S21e⏐
22VCE=3V, IC=15mA, f=2GHz
10.5
dB
Noise Figure
NF
VCE=1V, IC=3mA, f=2GHz
1.5
2.3
dB
Ordering Information
Device
Package
Shipping
memo
2SC5646A-TL-H
SSFP
8,000pcs./reel
Pb Free and Halogem Free
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
0
0
2
IT15425
IT15426
4
6
8
1
3
5
7
9
1
3
2
4
0
0
0.2
0.4
0.6
0.8
1.0
1.2
20
25
30
10
15
5
IB=0mA
0.05mA
0.04mA
0.03mA
0.02mA
0.01mA


Similar Part No. - 2SC5646A-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
More results

Similar Description - 2SC5646A-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5488A ONSEMI-2SC5488A Datasheet
462Kb / 7P
   NPN Single SSFP RF Transistor
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com