Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LO484TYL4-B0G Datasheet(PDF) 3 Page - Marktech Corporate

Part No. LO484TYL4-B0G
Description  Yellow 100 Elliptical LED lamp with tinted diffused lens and stand offs.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LO484TYL4-B0G Datasheet(HTML) 3 Page - Marktech Corporate

  LO484TYL4-B0G Datasheet HTML 1Page - Marktech Corporate LO484TYL4-B0G Datasheet HTML 2Page - Marktech Corporate LO484TYL4-B0G Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LO484TYL4-B0G
For Pricing and Delivery Information Contact:
Marktech Optoelectronics*
120 Broadway, Menands, NY 12204
Phone: 800.984.5337 FAX: 518.432.7454
Web Site: www.marktechopto.com
*Marktech is the exclusive North American Technical Sales and Marketing office for COTCO LED products
3/3
GRAPHS
R£cj-a=450¢X C/W
R£cj-pin=210¢X
C/W
1.Cathode PAD Area (0.18 ×0.18inch
2)
2.Height above nominal seating plane in inches(0.3inch)
COTCO-D-074 REV.0


Similar Part No. - LO484TYL4-B0G

ManufacturerPart No.DatasheetDescription
Marktech Corporate
Marktech Corporate
LO484THR4-B0G MARKTECH-LO484THR4-B0G Datasheet
47Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
More results

Similar Description - LO484TYL4-B0G

ManufacturerPart No.DatasheetDescription
Marktech Corporate
Marktech Corporate
LO484THR4-B0G MARKTECH-LO484THR4-B0G Datasheet
47Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO484NHR4-B0G MARKTECH-LO484NHR4-B0G Datasheet
45Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LC461MHR4-95G MARKTECH-LC461MHR4-95G Datasheet
59Kb / 3P
   Red 95 5mm LED lamp with tinted diffused lens and stand offs.
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
   Green 95 5mm LED lamp with tinted diffused lens and stand offs
LO481MBL4-B0P MARKTECH-LO481MBL4-B0P Datasheet
56Kb / 3P
   Blue 110 oval LED lamp with tinted diffused lens and stand offs.
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
   Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LO561MYL3-75P MARKTECH-LO561MYL3-75P Datasheet
68Kb / 3P
   Yellow 75 Oval LED lamp with tinted transparent lens and stand offs.
LO561MSO3-75P MARKTECH-LO561MSO3-75P Datasheet
61Kb / 3P
   Orange 75 Oval LED lamp with tinted transparent lens and stand offs.
Fairchild Semiconductor
Fairchild Semiconductor
HLMP-1700L FAIRCHILD-HLMP-1700L Datasheet
152Kb / 4P
   LOW CURRENT LED LAMP - Tinted & Diffused
LUMEX INC.
LUMEX INC.
SSL-LX3064LYD LUMEX-SSL-LX3064LYD Datasheet
68Kb / 1P
   T-3mm 590nm YELLOW LED, YELLOW DIFFUSED LENS
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz