Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5104PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFH5104PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5104PBF Datasheet(HTML) 9 Page - International Rectifier

  IRFH5104PBF Datasheet HTML 1Page - International Rectifier IRFH5104PBF Datasheet HTML 2Page - International Rectifier IRFH5104PBF Datasheet HTML 3Page - International Rectifier IRFH5104PBF Datasheet HTML 4Page - International Rectifier IRFH5104PBF Datasheet HTML 5Page - International Rectifier IRFH5104PBF Datasheet HTML 6Page - International Rectifier IRFH5104PBF Datasheet HTML 7Page - International Rectifier IRFH5104PBF Datasheet HTML 8Page - International Rectifier IRFH5104PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 16, 2015
IRFH5104PbF
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.098mH, RG = 25Ω, IAS = 50A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
† Calculated continuous current based on maximum allowable junction temperature. Package is limited to 100A by production test
capability.
MS L1
(per JE DEC J-S T D-020D
††† )
RoHS compliant
Yes
PQFN 5mm x 6mm
Qualification information
Moisture Sensitivity Level
Qualification level
Industrial
††
(per JE DEC JES D47F
††† guidelines )
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Revision History
Date
Comment
12/16/2013
• Updated ordering information to reflect the End-Of-Life (EOL) of the mini-reel option (EOL notice #259).
• Updated data sheet with the new IR corporate template.
3/16/2015
• Updated package outline and tape and reel on pages 7 and 8.


Similar Part No. - IRFH5104PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
   Secondary Side Synchronous Rectification
More results

Similar Description - IRFH5104PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com