Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5053PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFH5053PBF
Description  3 Phase Boost Converter Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5053PBF Datasheet(HTML) 6 Page - International Rectifier

  IRFH5053PBF Datasheet HTML 1Page - International Rectifier IRFH5053PBF Datasheet HTML 2Page - International Rectifier IRFH5053PBF Datasheet HTML 3Page - International Rectifier IRFH5053PBF Datasheet HTML 4Page - International Rectifier IRFH5053PBF Datasheet HTML 5Page - International Rectifier IRFH5053PBF Datasheet HTML 6Page - International Rectifier IRFH5053PBF Datasheet HTML 7Page - International Rectifier IRFH5053PBF Datasheet HTML 8Page - International Rectifier IRFH5053PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFH5053PbF
6
www.irf.com
Fig 13. Maximum Avalanche Energy
vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-V
DD
VGS
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
70
80
90
ID
TOP
1.5A
1.9A
BOTTOM 7.4A
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
10
20
30
40
50
ID = 9.3A
TJ = 25°C
TJ = 125°C


Similar Part No. - IRFH5053PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5053PBF IRF-IRFH5053PBF Datasheet
258Kb / 9P
   HEXFETPower MOSFET
IRFH5053PBF IRF-IRFH5053PBF Datasheet
258Kb / 9P
   3 Phase Boost Converter Applications
More results

Similar Description - IRFH5053PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5053TRPBF IRF-IRFH5053TRPBF Datasheet
258Kb / 9P
   3 Phase Boost Converter Applications
logo
NXP Semiconductors
ASL4501SHN NXP-ASL4501SHN Datasheet
1Mb / 43P
   Four-phase boost converter
Rev. 2-10 January 2018
ASL1500SHN NXP-ASL1500SHN Datasheet
1Mb / 36P
   Single phase boost converter
Rev. 4-26 October 2017
ASL4500SHN NXP-ASL4500SHN Datasheet
1Mb / 41P
   Four-phase boost converter
Rev. 6-26 October 2017
ASL2500SHN NXP-ASL2500SHN Datasheet
1Mb / 39P
   Two phase boost converter
Rev. 3-26 October 2017
logo
New Japan Radio
NJW4141 NJRC-NJW4141 Datasheet
419Kb / 13P
   2 - phase Boost Converter Switching Regulator IC
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Recom International Pow...
R-78S RECOM-R-78S Datasheet
457Kb / 5P
   Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1558 HMSEMI-HM1558 Datasheet
1Mb / 8P
   Boost Converter
logo
NXP Semiconductors
ASL1507SHN NXP-ASL1507SHN Datasheet
551Kb / 56P
   Single-phase and two-phase boost converter with limp-home mode
Rev. 1 ??26 April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com