Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5007PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH5007PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5007PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH5007PBF_15 Datasheet HTML 1Page - International Rectifier IRFH5007PBF_15 Datasheet HTML 2Page - International Rectifier IRFH5007PBF_15 Datasheet HTML 3Page - International Rectifier IRFH5007PBF_15 Datasheet HTML 4Page - International Rectifier IRFH5007PBF_15 Datasheet HTML 5Page - International Rectifier IRFH5007PBF_15 Datasheet HTML 6Page - International Rectifier IRFH5007PBF_15 Datasheet HTML 7Page - International Rectifier IRFH5007PBF_15 Datasheet HTML 8Page - International Rectifier IRFH5007PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFH5007PbF
4
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 19, 2015
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Mounting Base
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
CaseTemperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ID = 150μA
ID = 500μA
ID = 1.0mA
ID = 1.0A
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
100
120
Limited By Package
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc


Similar Part No. - IRFH5007PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5007PBF IRF-IRFH5007PBF Datasheet
340Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFH5007PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com