Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC512MYL1-25Q Datasheet(PDF) 3 Page - Marktech Corporate

Part # LC512MYL1-25Q
Description  Yellow 25 5mm LED lamp with water transparent lens.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC512MYL1-25Q Datasheet(HTML) 3 Page - Marktech Corporate

  LC512MYL1-25Q Datasheet HTML 1Page - Marktech Corporate LC512MYL1-25Q Datasheet HTML 2Page - Marktech Corporate LC512MYL1-25Q Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LC512MYL1-25Q
Pricing and Delivery Information Contact:
Marktech Optoelectronics*
120 Broadway, Menands, NY 12204
Phone: 800.984.5337 FAX: 518.432.7454
Web Site: www.marktechopto.com
*Marktech is the exclusive North American Technical Sales and Marketing office for COTCO LED products
3/3
GRAPHS
R£cj-a=480¢XC/W
R£cj-pin=240¢XC/W
1.Cathode PAD Area (0.18 ×0.18inch
2)
2.Height above nominal seating plane in inches(0.3inch)
COTCO-D-074 REV.0


Similar Part No. - LC512MYL1-25Q

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC512MBG1-25Q MARKTECH-LC512MBG1-25Q Datasheet
62Kb / 3P
   Blue-Green 25 5mm LED lamp with water transparent lens.
LC512MHR1-25Q MARKTECH-LC512MHR1-25Q Datasheet
60Kb / 3P
   Red 25 5mm LED lamp with water transparent lens.
More results

Similar Description - LC512MYL1-25Q

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503MYL1-30Q MARKTECH-LC503MYL1-30Q Datasheet
67Kb / 3P
   Yellow 30 5mm LED lamp with water transparent lens
LC503MYL1-06Q MARKTECH-LC503MYL1-06Q Datasheet
58Kb / 3P
   Yellow 6 5mm LED lamp with water transparent lens
LC503MYL1-15Q MARKTECH-LC503MYL1-15Q Datasheet
66Kb / 3P
   Yellow 15 5mm LED lamp with water transparent lens
LC503MYL1-45Q MARKTECH-LC503MYL1-45Q Datasheet
66Kb / 3P
   Yellow 45 5mm LED lamp with water transparent lens
LC512NBL1-25Q MARKTECH-LC512NBL1-25Q Datasheet
60Kb / 4P
   Blue 25 5mm LED lamp with water transparent lens.
LC512MHR1-25Q MARKTECH-LC512MHR1-25Q Datasheet
60Kb / 3P
   Red 25 5mm LED lamp with water transparent lens.
LC512NPG1-25Q MARKTECH-LC512NPG1-25Q Datasheet
60Kb / 3P
   Green 25 5mm LED lamp with water transparent lens
LC512MBG1-25Q MARKTECH-LC512MBG1-25Q Datasheet
62Kb / 3P
   Blue-Green 25 5mm LED lamp with water transparent lens.
LC503MHR1-15Q MARKTECH-LC503MHR1-15Q Datasheet
59Kb / 3P
   Red 15 5mm LED lamp with water transparent lens
LC503MBL1-06Q MARKTECH-LC503MBL1-06Q Datasheet
59Kb / 3P
   Blue 6 5mm LED lamp with water transparent lens
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com