Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA128B3 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATXMEGA128B3
Description  Microcontroller
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128B3 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATXMEGA128B3 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA128B3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 137 page
background image
2
8074B–AVR–02/12
XMEGA B3
Typical Applications
1.
Ordering Information
Notes:
1.
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2.
Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
3.
For packaging information, see ”Errata” on page 130
Industrial control
Climate control
Low power battery applications
Factory automation
RF and ZigBee
Power tools
Building control
USB connectivity
HVAC
Board control
Sensor control
Utility metering
White goods
Optical
Medical applications
Ordering Code
Flash (Bytes) EEPROM (Bytes) SRAM (Bytes)
Speed (MHz)
Power Supply
Package
(1)(2)(3)
Temp
ATxmega128B3-AU
128K + 8K
2K
8K
32
1.6 - 3.6V
64A
-40
°C - 85°C
ATxmega64B3-AU
64K + 4K
2K
4K
ATxmega128B3-MH
128K + 8K
2K
8K
64M2
ATxmega64B3-MH
64K + 4K
2K
4K
Package Type
64A
64-lead, 14 x 14mm Body Size, 1.0mm Body Thickness, 0.5mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
64M2
64-Pad, 9x9x1.0mm Body, Lead Pitch 0.05mm, 7.65mm Exposed Pad, Quad Flat No-Lead Package (QFN)


Similar Part No. - ATXMEGA128B3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
More results

Similar Description - ATXMEGA128B3

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com