Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH4257DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH4257DPBF
Description  Control and synchronous MOSFETs in one package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4257DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH4257DPBF_15 Datasheet HTML 1Page - International Rectifier IRFH4257DPBF_15 Datasheet HTML 2Page - International Rectifier IRFH4257DPBF_15 Datasheet HTML 3Page - International Rectifier IRFH4257DPBF_15 Datasheet HTML 4Page - International Rectifier IRFH4257DPBF_15 Datasheet HTML 5Page - International Rectifier IRFH4257DPBF_15 Datasheet HTML 6Page - International Rectifier IRFH4257DPBF_15 Datasheet HTML 7Page - International Rectifier IRFH4257DPBF_15 Datasheet HTML 8Page - International Rectifier IRFH4257DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
September 15, 2014
 
IRFH4257DPbF
Fig 1. Typical Output Characteristics
Fig 5. Typical Transfer Characteristics
Fig 3. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Q1 - Control FET
Q2 - Synchronous FET
Fig 4. Typical Output Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.1V
2.9V
2.7V
BOTTOM
2.5V
60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.1V
2.9V
2.7V
BOTTOM
2.5V
1.0
1.5
2.0
2.5
3.0
3.5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
60µs PULSE WIDTH
Fig 6. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.1V
2.9V
2.7V
BOTTOM
2.5V
60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60µs PULSE WIDTH
Tj = 150°C
2.5V
VGS
TOP
10V
5.0V
4.5V
3.5V
3.1V
2.9V
2.7V
BOTTOM
2.5V
1.0
1.5
2.0
2.5
3.0
3.5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
60µs PULSE WIDTH


Similar Part No. - IRFH4257DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
327Kb / 13P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4251DPBF IRF-IRFH4251DPBF_15 Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
331Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
594Kb / 13P
   Control and synchronous MOSFETs in one package
More results

Similar Description - IRFH4257DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4253DPBF IRF-IRFH4253DPBF_15 Datasheet
594Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4251DPBF IRF-IRFH4251DPBF_15 Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH7911PBF IRF-IRFH7911PBF_15 Datasheet
320Kb / 11P
   Control and synchronous FET in one package
IRFH7911PBF IRF-IRFH7911PBF Datasheet
325Kb / 10P
   Control and synchronous FET in one package
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
331Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
327Kb / 13P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4255DPBF IRF-IRFH4255DPBF_15 Datasheet
580Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
OM3901SC IRF-OM3901SC_15 Datasheet
36Kb / 4P
   Positive And Negative Regulators In One Package
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
Crydom Inc.,
UPD2415D CRYDOM-UPD2415D Datasheet
645Kb / 4P
   SIP SSR 2 Relays in one package with independent control input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com