Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH4251DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH4251DPBF
Description  Control and synchronous MOSFETs in one package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4251DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH4251DPBF Datasheet HTML 1Page - International Rectifier IRFH4251DPBF Datasheet HTML 2Page - International Rectifier IRFH4251DPBF Datasheet HTML 3Page - International Rectifier IRFH4251DPBF Datasheet HTML 4Page - International Rectifier IRFH4251DPBF Datasheet HTML 5Page - International Rectifier IRFH4251DPBF Datasheet HTML 6Page - International Rectifier IRFH4251DPBF Datasheet HTML 7Page - International Rectifier IRFH4251DPBF Datasheet HTML 8Page - International Rectifier IRFH4251DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 
IRFH4251DPbF
Q1 - Control FET
Q2 - Synchronous FET
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
5
10
15
20
25
30
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 30A
Fig 7. Typical Capacitance vs. Drain-to-Source Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20
40
60
80
100
120
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 30A
Fig 8. Typical Capacitance vs. Drain-to-Source Voltage
Fig 9. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 10. Typical Gate Charge vs. Gate-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
Limited by package
Fig 11. Maximum Safe Operating Area
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
Limited by package
Fig 12. Maximum Safe Operating Area
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 20, 2014


Similar Part No. - IRFH4251DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
327Kb / 13P
   Control and Synchronous MOSFETs for synchronous buck converters
More results

Similar Description - IRFH4251DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4253DPBF IRF-IRFH4253DPBF_15 Datasheet
594Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4257DPBF IRF-IRFH4257DPBF_15 Datasheet
861Kb / 12P
   Control and synchronous MOSFETs in one package
IRFH7911PBF IRF-IRFH7911PBF_15 Datasheet
320Kb / 11P
   Control and synchronous FET in one package
IRFH7911PBF IRF-IRFH7911PBF Datasheet
325Kb / 10P
   Control and synchronous FET in one package
IRFH4253DPBF IRF-IRFH4253DPBF Datasheet
331Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4251DPBF IRF-IRFH4251DPBF Datasheet
327Kb / 13P
   Control and Synchronous MOSFETs for synchronous buck converters
IRFH4255DPBF IRF-IRFH4255DPBF_15 Datasheet
580Kb / 12P
   Control and Synchronous MOSFETs for synchronous buck converters
OM3901SC IRF-OM3901SC_15 Datasheet
36Kb / 4P
   Positive And Negative Regulators In One Package
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
Crydom Inc.,
UPD2415D CRYDOM-UPD2415D Datasheet
645Kb / 4P
   SIP SSR 2 Relays in one package with independent control input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com