Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH4213PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFH4213PBF
Description  Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4213PBF Datasheet(HTML) 6 Page - International Rectifier

  IRFH4213PBF Datasheet HTML 1Page - International Rectifier IRFH4213PBF Datasheet HTML 2Page - International Rectifier IRFH4213PBF Datasheet HTML 3Page - International Rectifier IRFH4213PBF Datasheet HTML 4Page - International Rectifier IRFH4213PBF Datasheet HTML 5Page - International Rectifier IRFH4213PBF Datasheet HTML 6Page - International Rectifier IRFH4213PBF Datasheet HTML 7Page - International Rectifier IRFH4213PBF Datasheet HTML 8Page - International Rectifier IRFH4213PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
 
IRFH4213PbF
6
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 11, 2015
Fig 15. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET® Power MOSFETs
Fig 18. Gate Charge Test Circuit
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 19. Gate Charge Waveform
Fig 17a. Switching Time Test Circuit
Fig 17b. Switching Time Waveforms
Fig 16a. Unclamped Inductive Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
tp
V(BR)DSS
IAS
Fig 16b. Unclamped Inductive Waveforms


Similar Part No. - IRFH4213PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results

Similar Description - IRFH4213PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4226PBF IRF-IRFH4226PBF_15 Datasheet
501Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4210PBF IRF-IRFH4210PBF Datasheet
369Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRF7351TRPBF IRF-IRF7351TRPBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com