Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1075A Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA1075A
Description  RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1075A Datasheet(HTML) 2 Page - ON Semiconductor

  ENA1075A Datasheet HTML 1Page - ON Semiconductor ENA1075A Datasheet HTML 2Page - ON Semiconductor ENA1075A Datasheet HTML 3Page - ON Semiconductor ENA1075A Datasheet HTML 4Page - ON Semiconductor ENA1075A Datasheet HTML 5Page - ON Semiconductor ENA1075A Datasheet HTML 6Page - ON Semiconductor ENA1075A Datasheet HTML 7Page - ON Semiconductor ENA1075A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5277A
No. A1075-2/8
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=5V, IC=10mA
60*
270*
Gain-Bandwidth Product
fT1VCE=5V, IC=10mA
5
8
GHz
fT2VCE=1V, IC=1mA
3.5
GHz
Output Capacitance
Cob
VCB=10V, f=1MHz
0.45
0.7
pF
Reverse Transfer Capacitance
Cre
0.30
pF
Forward Transfer Gain
⏐S21e⏐
21VCE=5V, IC=10mA, f=1.5GHz
8
10
dB
⏐S21e⏐
22VCE=1V, IC=1mA, f=1.5GHz
5.5
dB
Noise Figure
NF1
VCE=5V, IC=5mA, f=1.5GHz
1.4
3.0
dB
NF2
VCE=2V, IC=3mA, f=1GHz
0.9
dB
* : The 2SC5277A is classified by 10mA hFE as follows :
Rank
1
2
3
hFE
60 to 120
90 to 180
135 to 270
Ordering Information
Device
Package
Shipping
memo
2SC5277A-2-TL-E
SMCP
3,000pcs./reel
Pb Free
hFE -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
fT -- IC
100
10
ITR08213
35
3
2
1.0
7
35
2
0.1
72
10
5 7 100
2
3
5
7
5
7
5
2
3
VCE=5V
IT14098
1.0
23
3
57
10
5
2
7
5
1.0
3
2
10
2
VCE
=5V
VCE
=1V


Similar Part No. - ENA1075A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1075A SANYO-ENA1075A Datasheet
524Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
More results

Similar Description - ENA1075A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5374A ONSEMI-2SC5374A Datasheet
528Kb / 8P
   RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
August, 2013
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
   RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com