Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFBA1405PPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBA1405PPBF
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1405PPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFBA1405PPBF Datasheet HTML 1Page - International Rectifier IRFBA1405PPBF Datasheet HTML 2Page - International Rectifier IRFBA1405PPBF Datasheet HTML 3Page - International Rectifier IRFBA1405PPBF Datasheet HTML 4Page - International Rectifier IRFBA1405PPBF Datasheet HTML 5Page - International Rectifier IRFBA1405PPBF Datasheet HTML 6Page - International Rectifier IRFBA1405PPBF Datasheet HTML 7Page - International Rectifier IRFBA1405PPBF Datasheet HTML 8Page - International Rectifier IRFBA1405PPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
S
D
G
VDSS = 55V
RDS(on) = 5.0mΩ
ID = 174A
†
Description
08/01/11
www.irf.com
1
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dynamic dv/dt Rating
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
Benefits
IRFBA1405PPbF
Super-220™
Stripe Planar design of HEXFET® Power MOSFETs utilizes the latest
processing techniques to achieve extremely low on-resistance per
silicon area. Additional features of this MOSFET are a 175oC junction
operating temperature, fast switching speed and improved ruggedness
in single and repetitive avalanche. The Super-220 TM is a package that
has been designed to have the same mechanical outline and pinout as
the industry standard TO-220 but can house a considerably larger
silicon die. The result is significantly increased current handling capability
over both the TO-220 and the much larger TO-247 package. The
combination of extremely low on-resistance silicon and the Super-220
TM
package makes it ideal to reduce the component count in multiparalled
TO-220 applications, reduce system power dissipation, upgrade
existing designs or have TO-247 performance in a TO-220 outline. This
package has been designed to meet automotive, Q101, qualification
standard.
These benefits make this design an extremely efficient and reliable
device for use in a wide variety of applications.
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
174
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
123
†
A
IDM
Pulsed Drain Current

680
PD @TC = 25°C
Power Dissipation
330
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
560
mJ
IAR
Avalanche Current
See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
‡
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-40 to + 175
TSTG
Storage Temperature Range
-55 to + 175
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Recommended clip force
20
N
°C
Typical Applications
l
Industrial Motor Drive
PD -95152A


Similar Part No. - IRFBA1405PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRFBA1405PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com