Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC461MHR4-95G Datasheet(PDF) 2 Page - Marktech Corporate

Part No. LC461MHR4-95G
Description  Red 95 5mm LED lamp with tinted diffused lens and stand offs.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC461MHR4-95G Datasheet(HTML) 2 Page - Marktech Corporate

  LC461MHR4-95G Datasheet HTML 1Page - Marktech Corporate LC461MHR4-95G Datasheet HTML 2Page - Marktech Corporate LC461MHR4-95G Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LC461MHR4-95G
Delivery Information Contact:
Marktech Optoelectronics*
120 Broadway, Menands, NY 12204
Phone: 800.984.5337 FAX: 518.432.7454
Web Site: www.marktechopto.com
*Marktech is the exclusive North American Technical Sales and Marketing office for COTCO LED products
2/3
SPECIFICATION
Absolute Maximum Rating
(Ta = 25℃)
Items
Symbol
Absolute maximum Rating
Unit
Forward Current
IF
50
mA
Peak Forward Current
pulse width ≦0.1msec
duty ≦1/10
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
150
mW
Operation Temperature
Topr
-40 ~ + 95
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260
°C for 5sec
(3mm from the base of the epoxy bulb)
Initial Electrical/Optical Characteristics
(Ta = 25℃)
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
1.7
2.0
2.5
V
Reverse Current
IR
VR = 5V
---
---
100
µΑ
Wavelength
λ
D
IF = 20mA
620
624
628
nm
Luminous Intensity
IV
IF = 20mA
102
200
---
mcd
50% Power Angle
2θ½
IF = 20mA
---
95
---
deg
Luminous Intensity Combination
Rank
L
M
N
Luminous Intensity
(If=20mA)
102-145 mcd
145-200 mcd
200-280 mcd
*One normal delivery will include all ranks listed above.
The quantity ratio of the ranks is decided by COTCO.
Upper and lower tolerance limit of the Luminous flux ±15%
COTCO-D-074 REV.0


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn