Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6156 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S6156
Description  SPDT Electromechanical Relay Switch DC to 12.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6156 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6156 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6156 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6156 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6156 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE71S6156 CAD Drawing
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N,
50 Watts, 12V Control with Indicators, Latching, TTL
PE71S6156 REV 1.0


Similar Part No. - PE71S6156

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6150 PASTERNACK-PE71S6150 Datasheet
451Kb / 6P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6151 PASTERNACK-PE71S6151 Datasheet
451Kb / 6P
   SPDT Electromechanical Relay Switch DC to
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6153 PASTERNACK-PE71S6153 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6154 PASTERNACK-PE71S6154 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results

Similar Description - PE71S6156

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6163 PASTERNACK-PE71S6163 Datasheet
405Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6150 PASTERNACK-PE71S6150 Datasheet
451Kb / 6P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6153 PASTERNACK-PE71S6153 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6157 PASTERNACK-PE71S6157 Datasheet
409Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6154 PASTERNACK-PE71S6154 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com