Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC369MBL1-15Q Datasheet(PDF) 1 Page - Marktech Corporate

Part No. LC369MBL1-15Q
Description  Blue 15 3mm LED lamp with water transparent lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC369MBL1-15Q Datasheet(HTML) 1 Page - Marktech Corporate

  LC369MBL1-15Q Datasheet HTML 1Page - Marktech Corporate LC369MBL1-15Q Datasheet HTML 2Page - Marktech Corporate LC369MBL1-15Q Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC369MBL1-15Q
For Pricing and Delivery Information Contact:
Marktech Optoelectronics*
120 Broadway, Menands, NY 12204
Phone: 800.984.5337 FAX: 518.432.7454
Web Site: www.marktechopto.com
*Marktech is the exclusive North American Technical Sales and Marketing office for COTCO LED products
1/3
COTCO LUMINANT DEVICE (HUIZHOU) LTD
Part #: LC369MBL1-15Q
Product Description: Blue 15º 3mm LED lamp with water transparent lens
Resin: Epoxy
Lens Color: Water Transparent
Lead Frame: Ag Plating Iron Alloy
Dice: InGaN/SiC
COTCO-D-074 REV.0


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn