Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1981L-20LM Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-20LM
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-20LM Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C1981L-20LM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1981L-20LM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1981L-20LM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1981L-20LM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-20LM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-20LM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-20LM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-20LM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-20LM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 2 of 13
Document # SRAM114 REV B
CE
1, CE2 ≥ VHC,
Mil.
V
CC = Max.,
Ind./Com’l.
f = 0, Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE
1, CE2 ≥ VIH,
Mil.
V
CC = Max.,
Ind./Com’l.
f = Max., Outputs Open
___
___
40
35
___
___
___
___
20
15
40
n/a
1.0
n/a
mA
mA
___
___
Standby Power Supply
Current
(CMOS Input Levels)
Symbol
C
IN
C
OUT
Parameter
Input Capacitance
Output Capacitance
Conditions
V
IN = 0V
V
OUT = 0V
5
7
Unit
pF
pF
CAPACITANCES(4)
V
CC = 5.0V, TA = 25°C, f = 1.0MHz
n/a = Not Applicable
Symbol
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
V
IH
V
IL
V
HC
V
LC
V
CD
V
OL
V
OH
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Input Clamp Diode Voltage
Output Low Voltage
(TTL Load)
Output High Voltage
(TTL Load)
Input Leakage Current
Output Leakage Current
Test Conditions
V
CC = Min., IIN = –18 mA
I
OL = +8 mA, VCC = Min.
I
OH = –4 mA, VCC = Min.
V
CC = Max.
Mil.
V
IN = GND to VCC
Ind./Com’l.
P4C1981 / 1982
Min
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
–1.2
0.4
+10
+5
+10
+5
P4C1981L / 82L
Min
Max
2.2
–0.5(3)
V
CC –0.2
–0.5(3)
2.4
–5
n/a
–5
n/a
V
CC +0.5
0.8
V
CC +0.5
0.2
0.4
–1.2
+5
n/a
+5
n/a
Unit
V
V
V
V
V
V
V
µA
µA
Typ.
Industrial
Commercial
Grade(2)
Ambient
Temperature
GND
V
CC
–40°C to +85°C
0°C to +70°C
0V
0V
5.0V ± 10%
5.0V ± 10%
0V
5.0V ± 10%
–55°C to +125°C
Military
I
SB1
V
CC = Max.,
Mil.
CE
1, CE2 = VIH
Ind./Com’l.
V
OUT = GND to VCC


Similar Part No. - P4C1981L-20LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1981L-20LM ETC1-P4C1981L-20LM Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981L-20LMB ETC1-P4C1981L-20LMB Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C1981L-20LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com