Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1981L-12LM Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-12LM
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-12LM Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1981L-12LM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1981L-12LM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1981L-12LM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1981L-12LM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-12LM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-12LM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-12LM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-12LM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-12LM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 3 of 13
Document # SRAM114 REV B
DATA RETENTION CHARACTERISTICS (P4C1981L/P4C1982L Military Temperature Only)
Typ.*
Max
Symbol
Parameter
Test Condition
Min
V
CC=VCC=
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
10
15
600
900
µA
t
CDR
Chip Deselect to
CE
1 or CE2 ≥ VCC – 0.2V,
0
ns
Data Retention Time
V
IN ≥ VCC – 0.2V or
t
R
Operation Recovery Time
t
RC
§
ns
*T
A = +25°C
§t
RC = Read Cycle Time
This parameter is guaranteed but not tested.
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM ratingconditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.
*V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V.
CE
1 = VIL, CE2 = VIL, OE = VIH
I
CC
Symbol
Parameter
Temperature
Range
Dynamic Operating Current*
Commercial
Industrial
Military
–10
N/A
–12
–15
–20
–25
–35
–45
Unit
N/A
mA
mA
mA
POWER DISSIPATION CHARACTERISTICS VS. SPEED
N/A
150
155
160
170
180
N/A
170
160
155
150
145
180
170
160
155
150
N/A
N/A
V
IN ≤ 0.2V
DATA RETENTION WAVEFORM


Similar Part No. - P4C1981L-12LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1981L-12LM ETC1-P4C1981L-12LM Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981L-12LMB ETC1-P4C1981L-12LMB Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C1981L-12LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com