Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1981L-12JM Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-12JM
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-12JM Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C1981L-12JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-12JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-12JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-12JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-12JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1981L-12JM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1981L-12JM Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1981L-12JM Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C1981L-12JM Datasheet HTML 13Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 9 of 13
Document # SRAM114 REV B
SELECTION GUIDE
The P4C1981 and P4C1982 are available in the following temperature, speed and package options.
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not available
ORDERING INFORMATION
10
12
15
20
25
35
45
Plastic DIP
-10PC
-12PC
-15PC
-20PC
-25PC
N/A
N/A
Plastic SOJ
-10JC
-12JC
-15JC
-20JC
-25JC
N/A
N/A
Industrial
Plastic DIP
N/A
-12PI
-15PI
-20PI
-25PI
-35PI
N/A
Plastic SOJ
N/A
-12JI
-15JI
-20JI
-25JI
-35JI
N/A
Side Brazed DIP
N/A
N/A
-15CM
-20CM
-25CM
-35CM
-45CM
CERDIP
N/A
N/A
-15DM
-20DM
-25DM
-35DM
-45DM
CERPACK
N/A
N/A
-15FM
-20FM
-25FM
-35FM
-45FM
LCC
N/A
N/A
-15LM
-20LM
-25LM
-35LM
-45LM
Side Brazed DIP
N/A
N/A
-15CMB
-20CMB
-25CMB
-35CMB
-45CMB
CERDIP
N/A
N/A
-15DMB
-20DMB
-25DMB
-35DMB
-45DMB
CERPACK
N/A
N/A
-15FMB
-20FMB
-25FMB
-35FMB
-45FMB
LCC
N/A
N/A
-15LMB
-20LMB
-25LMB
-35LMB
-45LMB
Speed (ns)
Military
Temperature
Military
Processed*
Temperature
Range
Package
Commercial


Similar Part No. - P4C1981L-12JM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1981L-12JM ETC1-P4C1981L-12JM Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981L-12JMB ETC1-P4C1981L-12JMB Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C1981L-12JM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com