Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1281-15LMB Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1281-15LMB
Description  ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1281-15LMB Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1281-15LMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1281-15LMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1281-15LMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1281-15LMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1281-15LMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1281-15LMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1281-15LMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1281-15LMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1281-15LMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
P4C1281/P4C1282 - ULTRA HIGH SPEED 64K x 4 CMOS STATIC RAMS
Page 3
Document # SRAM136 REV OR
POWER DISSIPATIOn CHARACTERISTICS VS. SPEED
Sym Parameter
Temperature Range
-12
-15
-20
-25
-35
-45
Unit
I
CC
Dynamic Operating Current*
Commercial
170
160
155
150
N/A
N/A
mA
Industrial
N/A
170
160
155
150
N/A
mA
Military
N/A
N/A
160
155
150
145
mA
* V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE = VIL, OE = VIH.
Sym Parameter
-12
-15
-20
-25
-35
-45
Unit
Min Max Min Max Min Max Min Max Min Max Min Max
t
RC
Read Cycle Time
12
15
20
25
35
45
ns
t
AA
Address Access Time
12
15
20
25
35
45
ns
t
AC
Chip Enable Access Time
12
15
20
25
35
45
ns
t
OH
Output Hold from Address Change
2
2
2
2
2
2
ns
t
LZ
Chip Enable to Output in Low Z
2
2
2
2
2
2
ns
t
HZ
Chip Disable to Output in High Z
7
8
10
10
15
15
ns
t
PU
Chip Enable to Power Up Time
0
0
0
0
0
0
ns
t
PD
Chip Disable to Power Down
12
15
20
25
25
30
ns
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
TIMIng WAVEFORM OF READ CYCLE nO. 1 (ADDRESS COnTROLLED) (5,6)
TIMIng WAVEFORM OF READ CYCLE nO. 2 (CE COnTROLLED) (5,7,8)


Similar Part No. - P4C1281-15LMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C1256-12CC ETC1-P4C1256-12CC Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256-12CCLF PYRAMID-P4C1256-12CCLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CILF PYRAMID-P4C1256-12CILF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1281-15LMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com