Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1281-45JMB Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C1281-45JMB
Description  ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1281-45JMB Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C1281-45JMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1281-45JMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1281-45JMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1281-45JMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1281-45JMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1281-45JMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1281-45JMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1281-45JMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1281-45JMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
P4C1281/P4C1282 - ULTRA HIGH SPEED 64K x 4 CMOS STATIC RAMS
Page 8
Document # SRAM136 REV OR
CERDIP DUAL In-LInE PACkAgE
SIDEBRAZED DUAL In-LInE PACkAgE
Pkg #
C5
# Pins
28 (300 mil)
Symbol
Min
Max
A
-
0.225
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.485
E
0.240
0.310
eA
0.300 BSC
e
0.100 BSC
L
0.125
0.200
Q
0.015
0.070
S1
0.005
-
S2
0.005
-
Pkg #
D5-2
# Pins
28 (300 mil)
Symbol
Min
Max
A
-
0.225
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.485
E
0.240
0.310
eA
0.300 BSC
e
0.100 BSC
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
α
15°


Similar Part No. - P4C1281-45JMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C1256-12CC ETC1-P4C1256-12CC Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256-12CCLF PYRAMID-P4C1256-12CCLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CILF PYRAMID-P4C1256-12CILF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1281-45JMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com