Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6135 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S6135
Description  SP4T Electromechanical Relay Switch DC to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6135 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S6135 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6135 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6135 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6135 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6135 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6135 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TECHNICAL DATA SHEET
Typical Performance Data
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Freq.(GHz)
INSERTION LOSS
INSERTION LOSS (dB)
-105
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Freq.(GHz)
ISOLAITON OVER RETURN LOSS
ISOLATION (dB)
RETURN LOSS (dB)
PE71S6135
PE71S6135 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 28V Control with
Normally Open PE71S6135
SP4T Electromechanical Relay Switch DC to 40 GHz,
2.92mm, 10 Watts, 28V Control with Normally Open


Similar Part No. - PE71S6135

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
   Switching Sequence Break Before Make
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
   Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
   Switching Sequence Break Before Make
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
   Normally Open Switch
PE71S6134 PASTERNACK-PE71S6134 Datasheet
458Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz
More results

Similar Description - PE71S6135

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6134 PASTERNACK-PE71S6134 Datasheet
458Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6137 PASTERNACK-PE71S6137 Datasheet
466Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6136 PASTERNACK-PE71S6136 Datasheet
443Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6138 PASTERNACK-PE71S6138 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching
REV 1.0
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6119 PASTERNACK-PE71S6119 Datasheet
495Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6103 PASTERNACK-PE71S6103 Datasheet
449Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6125 PASTERNACK-PE71S6125 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com