Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6120 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6120
Description  Transfer Electromechanical Relay Switch DC to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6120 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6120 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6120 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6120 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6120 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6120 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6120 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation
PE71S6120
PE71S6120 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control
with Indicators, Failsafe, TTL PE71S6120
Transfer Electromechanical Relay Switch DC to 40 GHz,
2.92mm, 10 Watts, 12V Control with Indicators, Failsafe, TTL


Similar Part No. - PE71S6120

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
PE71S6122 PASTERNACK-PE71S6122 Datasheet
453Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6123 PASTERNACK-PE71S6123 Datasheet
454Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6125 PASTERNACK-PE71S6125 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
More results

Similar Description - PE71S6120

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6125 PASTERNACK-PE71S6125 Datasheet
452Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6118 PASTERNACK-PE71S6118 Datasheet
447Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6123 PASTERNACK-PE71S6123 Datasheet
454Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6119 PASTERNACK-PE71S6119 Datasheet
495Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6122 PASTERNACK-PE71S6122 Datasheet
453Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6168 PASTERNACK-PE71S6168 Datasheet
453Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6166 PASTERNACK-PE71S6166 Datasheet
441Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6167 PASTERNACK-PE71S6167 Datasheet
445Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com