Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYA28C64XE-20LMB Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # PYA28C64XE-20LMB
Description  Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C64XE-20LMB Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  PYA28C64XE-20LMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28C64XE-20LMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C64XE-20LMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C64XE-20LMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C64XE-20LMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C64XE-20LMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C64XE-20LMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C64XE-20LMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C64XE-20LMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PYA28C64 - 8K x 8 EEPROM
Page 2
Document # EEPROM105 REV B
Grade(2)
Ambient Temp
GND
V
CC
Military
-55°C to +125°C
0V
5.0V ± 10%
OPERATION
READ
Read operations are initiated by both OE and CE LOW.
The read operation is terminated by either CE or OE re-
turning HIGH. This two line control architecture elimi-
nates bus contention in a system environment. The data
bus will be in a high impedance state when either OE or
CE is HIGH.
BYTE WRITE
Write operations are initiated when both CE and WE are
LOW and OE is HIGH. The PYA28C64 supports both a
CE and WE controlled write cycle. That is, the address is
latched by the falling edge of either CE or WE, whichever
occurs last. Similarly, the data is latched internally by the
rising edge of either CE or WE, whichever occurs first. A
byte write operation, once initiated, will automatically con-
tinue to completion.
CHIP CLEAR
The contents of the entire memory of the PYA28C64 may
be set to the high state by the CHIP CLEAR operation.
By setting CE low and OE to 12 volts, the chip is cleared
when a 10 msec low pulse is applied to WE.
DEVICE IDENTIFICATION
An extra 32 bytes of EEPROM memory are available to
the user for device identification. By raising A
9 to 12 ±
0.5V and using address locations 1FE0H to 1FFFH the
additional bytes may be written to or read from in the
same manner as the regular memory array.
DATA
POLLING
The PYA28C64 features DATA Polling as a method to in-
dicate to the host system that the byte write cycle has
completed. DATA Polling allows a simple bit test opera-
tion to determine the status of the PYA28C64, eliminat-
ing additional interrupts or external hardware. During the
internal programming cycle, any attempt to read the last
byte written will produce the complement of that data on
I/O
7 (i.e., write data=0xxx xxxx, read data=1xxx xxxx).
Once the programming cycle is complete, I/O
7 will reflect
true data.
READY/BUSY
Pin 1 is an open drain RDY/BUSY output that can be
used to detect the end of a write cycle. RDY/BUSY is
actively pulled low during the write cycle and is released
at the completion of the write. The open drain connec-
tion allows for OR-tying of several devices to the same
RDY/BUSY line. The RDY/BUSY pin is not connected
for the PYA28C64X.
Sym Parameter
Value
Unit
V
CC
Power Supply Pin with
Respect to GND
-0.3 to +6.25
V
V
TERM
Terminal Voltage with
Respect to GND (up to
6.25V)
-0.5 to +6.25
V
T
A
Operating Temperature
-55 to +125
°C
T
BIAS
Temperature Under Bias
-55 to +125
°C
T
STG
Storage Temperature
-65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
MAXIMUM RATINGS(1)
RECOMMENDED OPERATING CONDITIONS
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Sym
Parameter
Conditions Typ Unit
C
IN
Input Capacitance
V
IN = 0V
10
pF
C
OUT
Output Capacitance
V
OUT = 0V
10
pF


Similar Part No. - PYA28C64XE-20LMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15CWM PYRAMID-PYA28C64B-15CWM Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15CWMB PYRAMID-PYA28C64B-15CWMB Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15L32M PYRAMID-PYA28C64B-15L32M Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15L32MB PYRAMID-PYA28C64B-15L32MB Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
More results

Similar Description - PYA28C64XE-20LMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C16B PYRAMID-PYA28C16B Datasheet
663Kb / 10P
   Access Times of 150, 200, 250 and 350ns Byte Write Cycle Time - 10 ms Maximum
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
logo
Pyramid Semiconductor C...
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
   Access Times of 70, 90 and 120ns Software Data Protection
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
   Access Times of 70, 90, and 120ns Software Data Protection
logo
Micross Components
AS5SP128K36 MICROSS-AS5SP128K36 Datasheet
701Kb / 14P
   Byte Write support
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com