Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYA28C64X-20LMB Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # PYA28C64X-20LMB
Description  Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C64X-20LMB Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button PYA28C64X-20LMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C64X-20LMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C64X-20LMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C64X-20LMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C64X-20LMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C64X-20LMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C64X-20LMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C64X-20LMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C64X-20LMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PYA28C64 - 8K x 8 EEPROM
Page 9
Document # EEPROM105 REV B
SIDE BRAZED DUAL IN-LINE PACKAGE (600 mils)
Pkg #
L6
# Pins
32
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D
0.442
0.458
D1
0.300 BSC
D2
0.150 BSC
D3
-
0.458
E
0.540
0.560
E1
0.400 BSC
E2
0.200 BSC
E3
-
0.558
e
0.050 BSC
h
0.040 REF
j
0.020 REF
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.095
ND
7
NE
9
RECTANGULAR LEADLESS CHIP CARRIER
Pkg #
C5-1
# Pins
28 (600 mil)
Symbol
Min
Max
A
-
0.232
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.490
E
0.500
0.610
eA
0.600 BSC
e
0.100 BSC
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-


Similar Part No. - PYA28C64X-20LMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15CWM PYRAMID-PYA28C64B-15CWM Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15CWMB PYRAMID-PYA28C64B-15CWMB Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15L32M PYRAMID-PYA28C64B-15L32M Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C64B-15L32MB PYRAMID-PYA28C64B-15L32MB Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
More results

Similar Description - PYA28C64X-20LMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C16B PYRAMID-PYA28C16B Datasheet
663Kb / 10P
   Access Times of 150, 200, 250 and 350ns Byte Write Cycle Time - 10 ms Maximum
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
logo
Pyramid Semiconductor C...
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
   Access Times of 70, 90 and 120ns Software Data Protection
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
   Access Times of 70, 90, and 120ns Software Data Protection
logo
Micross Components
AS5SP128K36 MICROSS-AS5SP128K36 Datasheet
701Kb / 14P
   Byte Write support
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com