Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1981L-35CI Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-35CI
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-35CI Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C1981L-35CI Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1981L-35CI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1981L-35CI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-35CI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-35CI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-35CI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-35CI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-35CI Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1981L-35CI Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 6 of 13
Document # SRAM114 REV B
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Parameter
Symbol
–10
–12
–15
–20
–25
–35
–45
Min Max
Max
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Min
t
WC
t
CW
t
AW
t
AS
Write Cycle Time
Chip Enable Time
to End of Write
Address Valid to
End of Write
Address Set-up
Time
t
WZ
t
DH
t
DW
t
AH
t
WP
Write Pulse Width
Address Hold Time
from End of Write
Data Valid to End
of Write
Data Hold Time
Write Enable to
Output in High Z
t
OW
Output Active from
End of Write
10
7
7
0
8
0
5
0
2
5
12
8
8
0
9
0
6
0
2
6
13
10
10
0
10
0
7
0
2
7
15
15
15
0
15
0
10
0
2
8
20
20
20
0
20
0
13
0
2
10
30
30
25
0
25
0
15
0
2
10
40
35
35
0
35
0
20
0
2
15
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
t
AWE
t
ADV
Write Enable to
Data-out Valid
(P4C1981)
Data-in Valid to
Data-out Valid
(P4C1981)
ns
ns
10
10
12
12
13
13
18
18
20
30
35
35
30
20
WRITE CYCLE NO. 1 (WITH OE
OE
OE
OE
OE HIGH)


Similar Part No. - P4C1981L-35CI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1981L-35DC ETC1-P4C1981L-35DC Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981L-35DM ETC1-P4C1981L-35DM Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981L-35DMB ETC1-P4C1981L-35DMB Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981L-35JC ETC1-P4C1981L-35JC Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981L-35JM ETC1-P4C1981L-35JM Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C1981L-35CI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com