Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1981L-35JC Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-35JC
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-35JC Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C1981L-35JC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-35JC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-35JC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-35JC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-35JC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-35JC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1981L-35JC Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1981L-35JC Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1981L-35JC Datasheet HTML 12Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
P4C1981/1981L, P4C1982/1982L
Page 8 of 13
Document # SRAM114 REV B
TRUTH TABLE
P4C1981/L (P4C1982/L)
CE
CE
CE
CE
CE
1
H
X
L
L
L
L
CE
CE
CE
CE
CE
2
X
H
L
L
L
L
WE
WE
WE
WE
WE
X
X
H
H
L
L
OE
OE
OE
OE
OE
X
X
H
L
H
L
Mode
Standby
Standby
Output Inhibit
READ
WRITE
WRITE
Output
High Z
High Z
High Z
D
OUT
High Z
D
IN (High Z)
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
AC TEST CONDITIONS
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P4C1981/L and P4C1982/L, care
must be taken when testing this device; an inadequate setup can cause
a normal functioning part to be rejected as faulty. Long high-inductance
leads that cause supply bounce must be avoided by bringing the V
CC and
ground planes directly up to the contactor fingers. A 0.01 µF high
Figure 1. Output Load
Figure 2. Thevenin Equivalent
frequency capacitor is also required between V
CC and ground. To avoid
signal reflections, proper termination must be used; for example, a 50
test environment should be terminated into a 50
Ω load with 1.73V
(Thevenin Voltage) at the comparator input, and a 116
Ω resistor must
be used in series with D
OUT to match 166Ω (Thevenin Resistance).


Similar Part No. - P4C1981L-35JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1981L-35JC ETC1-P4C1981L-35JC Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C1981L-35JC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com