Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1299-15PI Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1299-15PI
Description  ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1299-15PI Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1299-15PI Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1299-15PI Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1299-15PI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1299-15PI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1299-15PI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1299-15PI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1299-15PI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1299-15PI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1299-15PI Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
P4C1299/P4C1299L - ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
Page 3
Document #SRAM144 REV OR
DATA RETEnTIOn CHARACTERISTICS (P4C1299L Only)
DATA RETEnTIOn WAVEFORM
Sym Parameter
Test Conditions
Min
Typ* V
CC=
Max V
CC=
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
CE
1,2 ≥ VCC -0.2V,
V
IN ≥ VCC -0.2V
or V
IN ≤ 0.2V
10
15
1000
2000
µA
t
CDR
Chip Deselect to Data Retention Time
0
ns
t
R
Operation Recovery Time
t
RC
§
ns
* T
A = +25°C
§ t
RC = Read Cycle Time
† This Parameter is guaranteed but not tested
POWER DISSIPATIOn CHARACTERISTICS VS. SPEED
Sym Parameter
Temperature Range
-15
-20
-25
-35
-45
Unit
I
CC
Dynamic Operating Current*
Commercial
160
125
115
110
110
mA
Industrial
160
135
120
115
115
mA
Military
160
150
120
120
120
mA
* V
CC = 5.5V. Tested with outputs open. f = Max. Switching inputs are 0V and 3V. CE1,2 = VIL
Sym Parameter
-15
-20
-25
-35
-45
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
RC
Read Cycle Time
15
20
25
35
45
ns
t
AA
Address Access Time
15
20
25
35
45
ns
t
AC
Chip Enable Access Time
15
20
25
35
45
ns
t
OH
Output Hold from Address Change
3
3
3
3
3
ns
t
LZ
Chip Enable to Output in Low Z
3
3
3
3
3
ns
t
HZ
Chip Disable to Output in High Z
8
10
15
15
20
ns
t
OE
Output Enable Low to Data Valid
8
10
15
25
30
ns
t
OLZ
Output Enable Low to Low Z
0
0
0
0
0
ns
t
OHZ
Output Enable High to High Z
9
9
15
20
20
ns
t
PU
Chip Enable to Power Up Time
0
0
0
0
0
ns
t
PD
Chip Disable to Power Down
15
20
25
35
45
ns
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)


Similar Part No. - P4C1299-15PI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CC PYRAMID-P4C1298-15CC Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CI PYRAMID-P4C1298-15CI Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CM PYRAMID-P4C1298-15CM Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CMB PYRAMID-P4C1298-15CMB Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
More results

Similar Description - P4C1299-15PI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com