Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYA28HC256E-70LM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # PYA28HC256E-70LM
Description  Access Times of 70, 90 and 120ns Software Data Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28HC256E-70LM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  PYA28HC256E-70LM Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28HC256E-70LM Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28HC256E-70LM Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28HC256E-70LM Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28HC256E-70LM Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28HC256E-70LM Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28HC256E-70LM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28HC256E-70LM Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28HC256E-70LM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Document # EEPROM106 REV 03
Revised October 2014
PYA28HC256
HIGH SPEED 32K x 8 EEPROM
FEATURES
Access Times of 70, 90 and 120ns
Single 5V±10% Power Supply
Simple Byte and Page Write
Low Power CMOS:
- 80 mA Active Current
- 3 mA Standby Current
Fast Write Cycle Times
Software Data Protection
CMOS & TTL Compatible Inputs and Outputs
Endurance:
- 10,000 Write Cycles
- 100,000 Write Cycles (optional)
Data Retention: 10 Years
Available in the following package:
– 28-Pin 600 mil Ceramic DIP
– 32-Pin Ceramic LCC (450x550 mils)
FUnCTIOnAL BLOCk DIAgRAM
PIn COnFIgURATIOn
DIP (C5-1)
DESCRIPTIOn
The PYA28HC256 is a 5 Volt 32Kx8 EEPROM. The device
supports 64-byte page write operation. The PYA28HC256
features DATA and Toggle Bit Polling as well as a system
software scheme used to indicate early completion of a
Write Cycle. The device also includes user-optional soft-
ware data protection. Data Retention is 10 Years. The
device is available in a 28-Pin 600 mil wide Ceramic DIP
and 32-Pin LCC.
LCC (L6)


Similar Part No. - PYA28HC256E-70LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C010-12CWM PYRAMID-PYA28C010-12CWM Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C010-12CWMB PYRAMID-PYA28C010-12CWMB Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C010-12FSM PYRAMID-PYA28C010-12FSM Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C010-12FSMB PYRAMID-PYA28C010-12FSMB Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
More results

Similar Description - PYA28HC256E-70LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
   Access Times of 70, 90, and 120ns Software Data Protection
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
   Software data Protection
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
AS58LC1001 MICROSS-AS58LC1001 Datasheet
196Kb / 19P
   Software Data protection Algorithm
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
logo
Pyramid Semiconductor C...
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com