Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYA28C010-20L32MB Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # PYA28C010-20L32MB
Description  Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C010-20L32MB Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button PYA28C010-20L32MB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C010-20L32MB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C010-20L32MB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C010-20L32MB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C010-20L32MB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C010-20L32MB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C010-20L32MB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C010-20L32MB Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C010-20L32MB Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PYA28C010 - 128K x 8 EEPROM
Page 6
Document # EEPROM103 REV 03
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Symbol
Parameter
-120
-150
-200
-250
Unit
Min
Max
Min
Max
Min
Max
Min
Max
t
WHWL1
t
EHEL1
Write Cycle Time
10
10
10
10
ms
t
AVEL
t
AVWL
Address Setup Time
0
0
0
0
ns
t
ELAx
t
WLAx
Address Hold Time
50
50
50
50
ns
t
WLEL
t
ELWL
Write Setup Time
0
0
0
0
ns
t
WHEH
Write Hold Time
0
0
0
0
ns
t
OHEL
t
OHWL
OE Setup Time
10
10
10
10
ns
t
WHOL
OE Hold Time
10
10
10
10
ns
t
ELEH
t
WLWH
WE Pulse Width
100
100
100
100
ns
t
DVEH
t
DVWH
Data Setup Time
50
50
50
50
ns
t
EHDx
t
WHDx
Data Hold Time
0
0
0
0
ns
t
EHEL2
t
WHWL2
Byte Load Cycle Time
0.2
100
0.2
100
0.2
100
0.2
100
µs
t
ELWL
CE Setup Time
1
1
1
1
µs
t
OVHWL
Output Setup Time
1
1
1
1
µs
t
EHWH
CE Hold Time
1
1
1
1
µs
t
WHOH
OE Hold Time
1
1
1
1
µs


Similar Part No. - PYA28C010-20L32MB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16-15CWM PYRAMID-PYA28C16-15CWM Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16-15CWMB PYRAMID-PYA28C16-15CWMB Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16-15LM PYRAMID-PYA28C16-15LM Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16-15LMB PYRAMID-PYA28C16-15LMB Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
More results

Similar Description - PYA28C010-20L32MB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C16B PYRAMID-PYA28C16B Datasheet
663Kb / 10P
   Access Times of 150, 200, 250 and 350ns Byte Write Cycle Time - 10 ms Maximum
PYA28C64 PYRAMID-PYA28C64 Datasheet
676Kb / 10P
   Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms)
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
   Access Times of 70, 90 and 120ns Software Data Protection
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
logo
Pyramid Semiconductor C...
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
   Access Times of 70, 90, and 120ns Software Data Protection
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
logo
M/A-COM Technology Solu...
M02067 MA-COM-M02067 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com