Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYX28HC64 Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # PYX28HC64
Description  Access Times of 70, 90, and 120ns Software Data Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYX28HC64 Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button PYX28HC64 Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 10Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PYX28HC64 - 8K x 8 EEPROM
Page 10
Document # EEPROM107 REV OR
SIDE BRAZED DUAL In-LInE PACkAgE (600 mils)
RECTAngULAR LEADLESS CHIP CARRIER
Pkg #
C5-1
# Pins
28 (600 mil)
Symbol
Min
Max
A
-
0.232
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.490
E
0.500
0.610
eA
0.600 BSC
e
0.100 BSC
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-
Pkg #
L6
# Pins
32
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D
0.442
0.458
D1
0.300 BSC
D2
0.150 BSC
D3
-
0.458
E
0.540
0.560
E1
0.400 BSC
E2
0.200 BSC
E3
-
0.558
e
0.050 BSC
h
0.040 REF
j
0.020 REF
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.095
ND
7
NE
9


Similar Part No. - PYX28HC64

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYX28C64 PYRAMID-PYX28C64 Datasheet
147Kb / 11P
   8K x 8 EEPROM
PYX28C64-20CWM PYRAMID-PYX28C64-20CWM Datasheet
147Kb / 11P
   8K x 8 EEPROM
PYX28C64-20CWMB PYRAMID-PYX28C64-20CWMB Datasheet
147Kb / 11P
   8K x 8 EEPROM
PYX28C64-20L32M PYRAMID-PYX28C64-20L32M Datasheet
147Kb / 11P
   8K x 8 EEPROM
PYX28C64-20L32MB PYRAMID-PYX28C64-20L32MB Datasheet
147Kb / 11P
   8K x 8 EEPROM
More results

Similar Description - PYX28HC64

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
   Access Times of 70, 90 and 120ns Software Data Protection
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
   Software data Protection
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
AS58LC1001 MICROSS-AS58LC1001 Datasheet
196Kb / 19P
   Software Data protection Algorithm
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
logo
Pyramid Semiconductor C...
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com