Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C164LL-10006ILF Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C164LL-10006ILF
Description  VERY LOW POWER 8Kx8 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164LL-10006ILF Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C164LL-10006ILF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164LL-10006ILF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164LL-10006ILF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164LL-10006ILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164LL-10006ILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164LL-10006ILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164LL-10006ILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164LL-10006ILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C164LL-10006ILF Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
P4C164LL - VERY LOW POWER 8K x 8 STATIC CMOS RAM
Page 9
Document # SRAM116 REV 04
Pkg #
S5
# Pins
28 (330 mil)
Symbol
Min
Max
A
0.079
0.120
A1
0.000
0.008
B
0.012
0.020
C
0.004
0.012
D
0.701
0.728
e
0.050 BSC
E
0.331
0.346
H
0.457
0.488
L
0.016
0.050
Pkg #
C5-1
# Pins
28 (600 mil)
Symbol
Min
Max
A
-
0.232
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.490
E
0.500
0.610
eA
0.600 BSC
e
0.100 BSC
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-
α
SOIC/SOP SMALL OUTLInE IC PACkAgE
CERAMIC DUAL In-LInE PACkAgE (600 mil)


Similar Part No. - P4C164LL-10006ILF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3CLF PYRAMID-P4C164L-100P3CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3ILF PYRAMID-P4C164L-100P3ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6CLF PYRAMID-P4C164L-100P6CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6ILF PYRAMID-P4C164L-100P6ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
More results

Similar Description - P4C164LL-10006ILF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
   8Kx8 bit Low Power CMOS Static RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com