Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C164LL-8003ILF Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C164LL-8003ILF
Description  VERY LOW POWER 8Kx8 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164LL-8003ILF Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C164LL-8003ILF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164LL-8003ILF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164LL-8003ILF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164LL-8003ILF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164LL-8003ILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164LL-8003ILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164LL-8003ILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164LL-8003ILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164LL-8003ILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document # SRAM116 REV 04
Revised June 2014
P4C164LL
VERY LOW POWER 8Kx8
STATIC CMOS RAM
FEATURES
V
CC Current (Commercial/Industrial)
— Operating: 55 mA
— CMOS Standby: 3 µA
Access Times
—80/100 (Commercial or Industrial)
—90/120 (Military)
Single 5 Volts ±10% Power Supply
Easy Memory Expansion Using CE
1, CE2 and OE
Inputs
Common Data I/O
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Automatic Power Down
Packages
—28-Pin 300 and 600 mil DIP
—28-Pin 330 mil SOP
FUnCTIOnAL BLOCk DIAgRAM
PIn COnFIgURATIOnS
DIP (P5, P6, C5-1), SOP (S5)
TOP VIEW
DESCRIPTIOn
The P4C164LL is a 64K density low power CMOS static
RAM organized as 8Kx8. The CMOS memory requires
no clocks or refreshing, and has equal access and cycle
times. Inputs are fully TTL-compatible. The RAM operates
from a single 5V±10% tolerance power supply.
Access times of 80 and 100 ns are available for commercial
and industrial temperatures; access times of 90 and 100
ns are available for military temperature. CMOS is utilized
to reduce power consumption to a low level.
The P4C164LL device provides asynchronous operation
with matching access and cycle times.
Memory locations are specified on address pins A
0 to A12.
Reading is accomplished by device selection (CE
1 LOW,
CE
2 HIGH ) and output enabling (OE) while write enable
(WE) remains HIGH. By presenting the address under
these conditions, the data in the addressed memory loca-
tion is presented on the data input/output pins. The input/
output pins stay in the HIGH Z state when either CE
1 or
OE is HIGH or WE or CE
2 is LOW.
Package options for the P4C164LLinclude 28-pin 300 and
600 mil DIP and 28-pin 330 mil SOP packages.


Similar Part No. - P4C164LL-8003ILF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3CLF PYRAMID-P4C164L-100P3CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3ILF PYRAMID-P4C164L-100P3ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6CLF PYRAMID-P4C164L-100P6CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6ILF PYRAMID-P4C164L-100P6ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
More results

Similar Description - P4C164LL-8003ILF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
   8Kx8 bit Low Power CMOS Static RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com