Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDS121V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDS121V
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS121V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDS121V_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDS121V_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2011. 12. 23
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDS121V
SILICON EPITAXIAL PLANAR DIODE
Revision No : 1
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
・Very Small Package
: VSM.
Low Forward Voltage
: VF=0.9V (Typ.).
Fast Reverse Recovery Time : t
rr=1.6ns(Typ.).
Small Total Capacitance
: CT=0.9pF (Typ.).
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
A
B
D
E
VSM
1.2 0.05
0.8 0.05
0.5 0.05
0.3 0.05
1.2 0.05
0.8 0.05
0.40
0.12 0.05
C
G
H
J
K
0.2 0.05
B
E
2
3
1
P
P
P
5
1. ANODE 1
2. ANODE 2
3. CATHODE
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
3
2
1
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Marking
B 3
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300 *
mA
Average Forward Current
IO
100 *
mA
Surge Current (10ms)
IFSM
2 *
A
Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.60
-
V
VF(2)
IF=10mA
-
0.72
-
VF(3)
IF=100mA
-
0.90
1.20
Reverse Current
IR
VR=80V
-
-
0.5
μA
Total Capacitance
CT
VR=0, f=1MHz
-
0.9
3.0
pF
Reverse Recovery Time
trr
IF=10mA
-
1.6
4.0
nS
Note : * Unit Rating. Total Rating=Unit Rating x 1.5


Similar Part No. - KDS121V_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS121V KEC-KDS121V Datasheet
12Kb / 1P
   VSM PACKAGE
More results

Similar Description - KDS121V_15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com