Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3C1021-10TC Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P3C1021-10TC
Description  HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1021-10TC Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P3C1021-10TC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1021-10TC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1021-10TC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1021-10TC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1021-10TC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1021-10TC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1021-10TC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1021-10TC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1021-10TC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
P3C1021
Page 5 of 10
Document # SRAM134 REV OR
-10
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 3.3V ± 0.3V, All Temperature Ranges)
(2)
Sym.
t
WC
t
CW
t
AS
t
WP
t
AH
t
DW
t
DH
Parameter
Write Cycle Time
Chip Enable Time to End of
Write
Address Set-up Time to Write
Start
Write Pulse Width
Address Hold Time
Data Hold Time
Data Valid to End of Write
Max
Min
Max
Min
Max
Min
Max
Min
-12
-15
-20
Unit
10
0
7
0
12
0
8
0
15
0
10
0
20
0
12
0
8
8
0
5
9
9
0
6
10
10
0
8
12
12
0
10
ns
ns
ns
ns
ns
ns
ns
ns
t
AW
Address Valid to End of Write
Write Enable to Output in High Z
t
WZ
56
7
8
ns
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (CE
CE
CE
CE
CE CONTROLLED)
WE High to Low Z
t
LZWE
33
3
3
ns
Byte Enable to End of Write
t
BW
78
910
ns


Similar Part No. - P3C1021-10TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55SC PYRAMID-P3C1024L55SC Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55SI PYRAMID-P3C1024L55SI Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55TC PYRAMID-P3C1024L55TC Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results

Similar Description - P3C1021-10TC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com