Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VT7-705-C Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part No. VT7-705-C
Description  SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  QUARTZCOM [QUARTZCOM the communications company]
Homepage  http://www.quartzcom.com
Logo 

VT7-705-C Datasheet(HTML) 1 Page - QUARTZCOM the communications company

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VT7-705-C
SMD VC-TCXO
Clipped sine wave
2002/95/EC RoHS compliant
31 Oct. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: wireless communications (WiMAX), micro base
station, instrumentation
Output signal clipped sine wave
Frequency range up to 40 MHz
Low phase noise
Parameter
Specification
Frequency range
10 ~ 40 MHz
Standard frequencies
10.00, 12.80, 13.00,16.384, 19.20, 20.00, 25.00, 26.00 & 40.00 MHz
Frequency stability:
vs. temperature
 0.5 ~ 2.5 ppm
vs. supply change
 0.10 ppm
5 %
vs. load change
 0.10 ppm
5 %
vs. aging
 1.0 ppm
1
st year
Frequency tolerance ex. factory
 0.5 ppm
@ +25 °C
Supply voltage
+2.8 ~ +5.0 V
Supply current
1.5 ~ 4 mA
Output signal
> 0.8 Vp-p
clipped sine wave
Output load
10 k
 // 10 pF
Frequency pulling range
5 ~ 10 ppm
Voltage control
+1.5 V
1.0 V
Phase noise @ 12.8 MHz carrier frequency
-120 dBc/Hz
@
100 Hz
-140 dBc/Hz
@
1 kHz
-148 dBc/Hz
@
10 kHz
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
500 or 1’000 pieces
Customer specifications on request
Pin function
# 1
Vc Voltage control
# 5
GND
# 6
Output
# 10
Vdc
All other pins are not connected
Example for soldering pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn