Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB4710PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRFB4710PBF
Description  High frequency DC-DC converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4710PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFB4710PBF Datasheet HTML 4Page - International Rectifier IRFB4710PBF Datasheet HTML 5Page - International Rectifier IRFB4710PBF Datasheet HTML 6Page - International Rectifier IRFB4710PBF Datasheet HTML 7Page - International Rectifier IRFB4710PBF Datasheet HTML 8Page - International Rectifier IRFB4710PBF Datasheet HTML 9Page - International Rectifier IRFB4710PBF Datasheet HTML 10Page - International Rectifier IRFB4710PBF Datasheet HTML 11Page - International Rectifier IRFB4710PBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRFB/IRFS/IRFL4710PbF
www.irf.com
11
† This is only applied to TO-220AB package
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ ISD ≤ 45A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting TJ = 25°C, L = 190µH
RG = 25Ω, IAS = 45A, VGS = 10V
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
‡ This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TR R
F E E D D IRE CT IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E E D DIR E CT IO N
10 .90 (.42 9)
10 .70 (.42 1)
16.10 ( .634)
15.90 ( .626)
1.75 (. 069)
1.25 (. 049)
11.60 (.457 )
11.40 (.449 )
15.4 2 (.609 )
15.2 2 (.601 )
4.7 2 (.136)
4.5 2 (.178)
24.30 (.9 57)
23.90 (.9 41)
0.368 (.0145 )
0.342 (.0135 )
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX .
27.40 (1 .079)
23.90 (.941)
60.00 (2 .362)
M IN .
30.40 (1 .197)
M A X .
26.40 (1.039)
24.40 (.961)
N O TES :
1 . C O M F O R M S T O E IA- 4 1 8.
2 . CO N T RO L L IN G D IM E NS IO N: M ILL IM ET ER.
3 . DIM E NSIO N M E ASUR E D @ HU B.
4 . IN C L U D E S F L A N GE DIS T OR T ION @ OUT E R E D GE .


Similar Part No. - IRFB4710PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4710PBF IRF-IRFB4710PBF Datasheet
667Kb / 12P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRFB4710PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com