Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9910PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9910PBF
Description  Fully Characterized Avalanche Voltage and Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9910PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF9910PBF_15 Datasheet HTML 1Page - International Rectifier IRF9910PBF_15 Datasheet HTML 2Page - International Rectifier IRF9910PBF_15 Datasheet HTML 3Page - International Rectifier IRF9910PBF_15 Datasheet HTML 4Page - International Rectifier IRF9910PBF_15 Datasheet HTML 5Page - International Rectifier IRF9910PBF_15 Datasheet HTML 6Page - International Rectifier IRF9910PBF_15 Datasheet HTML 7Page - International Rectifier IRF9910PBF_15 Datasheet HTML 8Page - International Rectifier IRF9910PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF9910PbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
Q1&Q2
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
Q1
–––
0.0061
–––
V/°C
Q2
–––
0.014
–––
Q1
–––
10.7
13.4
RDS(on)
Static Drain-to-Source On-Resistance
–––
14.6
18.3
m
Q2
–––
7.4
9.3
–––
9.1
11.3
VGS(th)
Gate Threshold Voltage
Q1&Q2
1.65
–––
2.55
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
Q1
–––
-4.9
–––
mV/°C
Q2
–––
-5.0
–––
IDSS
Drain-to-Source Leakage Current
Q1&Q2
–––
–––
1.0
µA
Q1&Q2
–––
–––
100
IGSS
Gate-to-Source Forward Leakage
Q1&Q2
–––
–––
100
nA
Gate-to-Source Reverse Leakage
Q1&Q2
–––
–––
-100
gfs
Forward Transconductance
Q1
19
–––
–––
S
Q2
27
–––
–––
Qg
Total Gate Charge
Q1
–––
7.4
11
Q2
–––
15
23
Qgs1
Pre-Vth Gate-to-Source Charge
Q1
–––
2.6
–––
Q1
Q2
–––
4.3
–––
VDS = 10V
Qgs2
Post-Vth Gate-to-Source Charge
Q1
–––
0.85
–––
nC
VGS = 4.5V, ID = 8.3A
Q2
–––
1.4
–––
Qgd
Gate-to-Drain Charge
Q1
–––
2.5
–––
Q2
Q2
–––
5.4
–––
VDS = 10V
Qgodr
Gate Charge Overdrive
Q1
–––
1.5
–––
VGS = 4.5V, ID = 9.8A
Q2
–––
3.9
–––
Qsw
Switch Charge (Qgs2 + Qgd)
Q1
–––
3.4
–––
Q2
–––
6.8
–––
Qoss
Output Charge
Q1
–––
4.0
–––
nC
Q2
–––
8.7
–––
td(on)
Turn-On Delay Time
Q1
–––
6.3
–––
Q2
–––
8.3
–––
tr
Rise Time
Q1
–––
10
–––
ID = 8.3A
Q2
–––
14
–––
ns
td(off)
Turn-Off Delay Time
Q1
–––
9.2
–––
Q2
–––
15
–––
tf
Fall Time
Q1
–––
4.5
–––
ID = 9.8A
Q2
–––
7.5
–––
Ciss
Input Capacitance
Q1
–––
900
–––
Q2
–––
1860
–––
Coss
Output Capacitance
Q1
–––
290
–––
pF
Q2
–––
600
–––
Crss
Reverse Transfer Capacitance
Q1
–––
140
–––
Q2
–––
310
–––
Avalanche Characteristics
Parameter
Q1 Max.
Q2 Max.
Units
EAS
Single Pulse Avalanche Energy
d
33
26
mJ
IAR
Avalanche Current
™
8.3
9.8
A
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
Q1&Q2
–––
–––
2.5
A
(Body Diode)
ISM
Pulsed Source Current
Q1
–––
–––
83
A
(Body Diode)
Ù
Q2
–––
–––
98
VSD
Diode Forward Voltage
Q1
–––
–––
1.0
V
Q2
–––
–––
1.0
trr
Reverse Recovery Time
Q1
–––
11
17
ns
Q2
–––
16
24
Qrr
Reverse Recovery Charge
Q1
–––
3.1
4.7
nC
Q2
–––
4.9
7.3
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 10A e
MOSFET symbol
VDS = 10V, VGS = 0V
Q1
VGS = 20V
VGS = -20V
VDS = 16V, VGS = 0V
Conditions
Q2
Q1 TJ = 25°C, IF = 8.3A,
VDD = 10V, di/dt = 100A/µs
e
TJ = 25°C, IS = 8.3A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 9.8A, VGS = 0V
e
Q2 TJ = 25°C, IF = 9.8A,
VDD = 10V, di/dt = 100A/µs e
VDD = 16V, VGS = 4.5V
–––
VDS = 10V
Clamped Inductive Load
VGS = 0V
ƒ = 1.0MHz
Typ.
–––
VGS = 4.5V, ID = 8.3A
e
VGS = 4.5V, ID = 9.8A e
VDS = 10V, ID = 9.8A
VDD = 16V, VGS = 4.5V
VGS = 10V, ID = 12A e
VDS = VGS, ID = 250µA
VDS = 10V, ID = 8.3A
VDS = 16V, VGS = 0V, TJ = 125°C


Similar Part No. - IRF9910PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9910PBF-1 IRF-IRF9910PBF-1 Datasheet
264Kb / 11P
   Industry-standard pinout SO-8 Package
IRF9910PBF-1 IRF-IRF9910PBF-1_15 Datasheet
264Kb / 11P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF9910PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8707PBF IRF-IRF8707PBF_15 Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
logo
Shenzhen Huazhimei Semi...
HM85N02K HMSEMI-HM85N02K Datasheet
705Kb / 6P
   Fully characterized avalanche voltage and current
logo
International Rectifier
IRF8313PBF IRF-IRF8313PBF_15 Datasheet
260Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF7821PBF IRF-IRF7821PBF_15 Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
GOOD-ARK Electronics
BSOZAA50M GOOD-ARK-BSOZAA50M Datasheet
42Kb / 1P
   Avalanche Voltage 37 to 41Volts Current 50 Amps
logo
International Rectifier
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
logo
GOOD-ARK Electronics
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
    Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com