Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW65-0440 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW65-0440
Description  GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW65-0440 Datasheet(HTML) 2 Page - Tyco Electronics

  SW65-0440 Datasheet HTML 1Page - Tyco Electronics SW65-0440 Datasheet HTML 2Page - Tyco Electronics SW65-0440 Datasheet HTML 3Page - Tyco Electronics SW65-0440 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
SW65-0440
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
2
Recommended PCB Layout—SP4T
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RFC
13
C4
2
GND
14
C3
3
RF1
15
GND
4
GND
16
GND
5
RF2
17
GND
6
N/C
18
N/C
7
N/C
19
N/C
8
N/C
20
RF3
9
VEE
21
GND
10
VCC
22
RF4
11
C1
23
GND
12
C2
24
GND
N/C = No Connection
Recommended PCB Layout—SP2T
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
Bias Voltages
VEE
VCC
Control Voltage
4
-8.5V
+5.5V
-0.5V to VCC +0.5V
Storage Temperature
-65°C to +125°C
Operating Temperature
-40°C to +85°C
2. Operation of this device above any one of these
parameters may cause permanent damage.
3. When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
4. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
RF Common To:
C1
C2
C3
C4
RF1
RF2
RF3
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
TTL
Truth Table


Similar Part No. - SW65-0440

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
87Kb / 4P
   Drivers for GaAs FET Switches and Digital Attenuators
SW65-0440-TB MA-COM-SW65-0440-TB Datasheet
180Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW65-0440TR MA-COM-SW65-0440TR Datasheet
180Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
More results

Similar Description - SW65-0440

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW65-0314 MACOM-SW65-0314 Datasheet
216Kb / 2P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
MASW-007073-000100 MACOM-MASW-007073-000100 Datasheet
192Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
SW65-0114 MACOM-SW65-0114 Datasheet
211Kb / 2P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313 MACOM-SW65-0313 Datasheet
251Kb / 3P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
   GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW65-0313 MA-COM-SW65-0313 Datasheet
129Kb / 5P
   GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com