Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9389PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRF9389PBF
Description  High and low-side MOSFETs in a single package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9389PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF9389PBF_15 Datasheet HTML 6Page - International Rectifier IRF9389PBF_15 Datasheet HTML 7Page - International Rectifier IRF9389PBF_15 Datasheet HTML 8Page - International Rectifier IRF9389PBF_15 Datasheet HTML 9Page - International Rectifier IRF9389PBF_15 Datasheet HTML 10Page - International Rectifier IRF9389PBF_15 Datasheet HTML 11Page - International Rectifier IRF9389PBF_15 Datasheet HTML 12Page - International Rectifier IRF9389PBF_15 Datasheet HTML 13Page - International Rectifier IRF9389PBF_15 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.irf.com © 2012 International Rectifier
January 14, 2013
10
IRF9389PbF
Fig 25. Maximum Drain Current vs.
Ambient Temperature
VDS
VGS
Pulse Width µs
Duty Factor 
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 26a. Switching Time Test Circuit
Fig 26b. Switching Time Waveforms
Fig 28. Typical On-Resistance vs. Drain
Current
Fig 27. Typical On-Resistance vs. Gate
Voltage
P-Channel
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0.0
1.0
2.0
3.0
4.0
5.0
2
4
6
8
10
12
14
16
18
20
-VGS, Gate -to -Source Voltage (V)
40
80
120
160
200
ID = -4.6A
0
5
10
15
20
25
30
-ID, Drain Current (A)
0
100
200
300
400
500
600
Vgs = -4.5V
Vgs = -10V


Similar Part No. - IRF9389PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF Datasheet
249Kb / 14P
   High and Low Side Switches for Inverter
logo
Infineon Technologies A...
IRF9389PBF INFINEON-IRF9389PBF Datasheet
249Kb / 14P
   High and low-side MOSFETs in a single package
January 14 2013
More results

Similar Description - IRF9389PBF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF9389PBF INFINEON-IRF9389PBF Datasheet
249Kb / 14P
   High and low-side MOSFETs in a single package
January 14 2013
logo
List of Unclassifed Man...
OM5N100NK ETC-OM5N100NK Datasheet
19Kb / 2P
   POWER MOSFETS IN A TO-3 PACKAGE
logo
International Rectifier
IRFH4251DPBF IRF-IRFH4251DPBF_15 Datasheet
557Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4253DPBF IRF-IRFH4253DPBF_15 Datasheet
594Kb / 13P
   Control and synchronous MOSFETs in one package
IRFH4257DPBF IRF-IRFH4257DPBF_15 Datasheet
861Kb / 12P
   Control and synchronous MOSFETs in one package
logo
STMicroelectronics
POWERSTEP01 STMICROELECTRONICS-POWERSTEP01 Datasheet
1Mb / 92P
   System-in-package integrating microstepping controller and 10 A power MOSFETs
logo
Diodes Incorporated
DGD21814 DIODES-DGD21814 Datasheet
687Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO14
logo
Everlight Electronics C...
PT928-6B EVERLIGHT-PT928-6B Datasheet
185Kb / 7P
   high speed and high sensitivity single photo transistor;molded in a black plastic package with spherical side view lens.
logo
Diodes Incorporated
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com