Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8736PBF-1 Datasheet(PDF) 5 Page - International Rectifier

Part # IRF8736PBF-1
Description  Industry-standard pinout SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8736PBF-1 Datasheet(HTML) 5 Page - International Rectifier

  IRF8736PBF-1 Datasheet HTML 1Page - International Rectifier IRF8736PBF-1 Datasheet HTML 2Page - International Rectifier IRF8736PBF-1 Datasheet HTML 3Page - International Rectifier IRF8736PBF-1 Datasheet HTML 4Page - International Rectifier IRF8736PBF-1 Datasheet HTML 5Page - International Rectifier IRF8736PBF-1 Datasheet HTML 6Page - International Rectifier IRF8736PBF-1 Datasheet HTML 7Page - International Rectifier IRF8736PBF-1 Datasheet HTML 8Page - International Rectifier IRF8736PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF8736PbF-1
5
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
November 22, 2013
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Ambient Temperature
Fig 10. Threshold Voltage Vs. Temperature
25
50
75
100
125
150
TA, Ambient Temperature (°C)
0
4
8
12
16
20
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1, Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τι (sec)
1.396574 0.000246
7.206851 0.037927
27.1278
1.0882
14.26877
30.3
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci i
/Ri
Ci=
τi/Ri
τa
τ4
τ4
R4
R4
-75
-50
-25
0
25
50
75
100 125 150
TJ, Temperature ( °C )
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
ID = 50μA


Similar Part No. - IRF8736PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8736PBF IRF-IRF8736PBF Datasheet
247Kb / 9P
   HEXFET Power MOSFET
IRF8736PBF IRF-IRF8736PBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736PBF IRF-IRF8736PBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736PBF IRF-IRF8736PBF_15 Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results

Similar Description - IRF8736PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com