Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW-456PIN Datasheet(PDF) 4 Page - Tyco Electronics

Part # SW-456PIN
Description  GaAs SPDT Switch DC - 3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-456PIN Datasheet(HTML) 4 Page - Tyco Electronics

  SW-456PIN Datasheet HTML 1Page - Tyco Electronics SW-456PIN Datasheet HTML 2Page - Tyco Electronics SW-456PIN Datasheet HTML 3Page - Tyco Electronics SW-456PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GaAs SPDT Switch, DC - 3.0 GHz
SW-456
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
Ordering Information
1. If specific reel size is required, consult factory for part
number assignment.
Part Number
Package
SW-456 PIN
SC-70 (SOT-363) Plastic Package
SW-456TR
Forward Tape and Reel
1
SW-456TR 3000
3000 Tape and Reel
1
SW-456SMB
Sample Board
4
SC-70 (SOT-363) Plastic Package
1
1. All dimensions are JEDEC MO-203-AB Issue A and are
shown as in/mm.
Dim
Measurement (mm)
Min.
Nom.
Max.
A
-
-
1.10
A1
0
-
0.10
A2
0.70
0.90
1.00
b
0.15
-
0.30
c
0.08
-
0.25
D
-
2.00 basic
-
e
-
0.65 basic
-
E
-
2.10 basic
-
E1
-
1.25 basic
-
L
-
0.42 ref.
-
SOT-26
PIN 1
PIN 6
D
e
e
E
A
A1
b
c
L
A
E1
A2


Similar Part No. - SW-456PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-456PIN MA-COM-SW-456PIN Datasheet
83Kb / 4P
   GaAs SPDT Switch
More results

Similar Description - SW-456PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
   GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
   GaAs SPDT Switch DC. 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com