Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13007F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MJE13007F
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MJE13007F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MJE13007F_15 Datasheet HTML 1Page - KEC(Korea Electronics) MJE13007F_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 3. 26
1/2
SEMICONDUCTOR
TECHNICAL DATA
MJE13007F
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 6
SWITCHING REGULATOR APPLICATION.
HIGH VOLTAGE SWITCHING APPLICATION.
HIGH SPEED DC-DC CONVERTER APPLICATION.
FEATURES
・Excellent Switching Times
: ton=1.6μ
S(Max.), tf=0.7μ
S(Max.), at IC=5A
・High Collector Voltage : V
CBO=700V.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Emitter Cut-off Current
IEBO
VEB=9V, IC=0
-
-
1
mA
DC Current Gain
hFE(1) (Note)
VCE=5V, IC=2A
15
-
39
hFE(2)
VCE=5V, IC=5A
10
-
-
Collector-Emitter
Saturation Voltage
VCE(sat)
IC=2A, IB=0.4A
-
-
1
V
IC=5A, IB=1A
-
-
2
IC=8A, IB=2A
-
-
3
Base-Emitter Saturation Voltage
VBE(sat)
IC=2A, IB=0.4A
-
-
1.5
V
IC=5A, IB=1A
-
-
1.6
Collector Output Capacitance
Cob
VCB=10V, f=0.1MHz, IE=0
-
110
-
pF
Transition Frequency
fT
VCE=10V, IC=0.5A
4
-
-
MHz
Turn-On Time
ton
IB1
B1
I
CC
V
=125V
IB2
IB2
300
µS
I
=I
=1A
2%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<
=
-
-
1.6
μS
Storage Time
tstg
-
-
3
μS
Fall Time
tf
-
-
0.7
μS
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
DC
IC
8
A
Pulse
ICP
16
Base Current
IB
4
A
Collector Power Dissipation
(Tc=25
℃)
PC
40
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Note : hFE Classification
R:15
~27, O:23~39


Similar Part No. - MJE13007F_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MJE13007F MCC-MJE13007F_13 Datasheet
710Kb / 2P
   NPN Power Transistor 8.0 A 400 Volts
More results

Similar Description - MJE13007F_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13003 KEC-MJE13003_15 Datasheet
59Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTC4372 BILIN-KTC4372 Datasheet
222Kb / 4P
   Triple Diffused NPN Transistor
logo
KEC(Korea Electronics)
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com