Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD2854 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTD2854
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD2854 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTD2854_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTD2854_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTD2854_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 10. 23
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTD2854
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
MICRO MOTOR DRIVE, HAMMER DRIVE APPLICATIONS.
SWITCHING APPLICATIONS.
POWER AMPLIFIER APPLICATION.
FEATURES
High DC Current Gain
: hFE=2000(Min.) (VCE=2V, IC=1A)
Low Saturation Voltage
: VCE(sat)=1.5V(Max.) (IC=1A, IB=1mA)
Complementary to KTB2234.
MAXIMUM RATINGS (Ta=25
)
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
8
V
Collector Current
DC
IC
2
A
Pulse
ICP
3
Base Current
IB
0.5
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=80V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=8V, IC=0
-
-
4
mA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA, IB=0
100
-
-
V
DC Current Gain
hFE
VCE=2V, IC=1A(Pulse)
2000
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=1mA(Pulse)
-
-
1.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=1mA(Pulse)
-
-
2.0
V
Transition Frequency
fT
VCE=2V, IC=0.5A
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
20
-
pF
Switching
Time
Turn On Time
ton
-
0.4
-
S
Storage Time
tstg
-
4.0
-
Fall Time
tf
-
0.6
-
COLLECTOR
BASE
EMITTER
4k
800
−∼
−∼
EQUIVALENT CIRCUIT


Similar Part No. - KTD2854_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD2854 KEC-KTD2854 Datasheet
88Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (MICRI MOTOR DRIVE, HAMMER DRIVE, SWITCHING POWER AMPLIFIER)
More results

Similar Description - KTD2854_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com